Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE034005 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # PE034005
Description  Miniature PCB Relay PE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PE034005 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  PE034005 Datasheet HTML 1Page - TE Connectivity Ltd PE034005 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
09-2019, Rev. 0919
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
General Purpose Relays
PCB Relays
Miniature PCB Relay PE
n
1 pole 5 A, 1 form C (CO) or 6A, 1 form A (NO) contact
n
Cadmium-free contacts
n
Sensitive coil 200mW
n
Ambient temperature 85°C
n
Low height 10.0mm
n
Plastic materials according to IEC 60335-1 (domestic appliances)
Typical applications
Industrial electronics, white goods, measurement and control
Approvals
VDE Cert. No. 40011901, UL E214025
Technical data of approved types on request
Contact Data
Contact arrangement
1 form C (CO) or 1 form A (NO)
Rated voltage
250VAC
Max. switching voltage
400VAC
Rated current
5A (CO - types)
6A (NO - types)
Breaking capacity max.
1250VA (CO - types)
1500VA (NO - types)
Contact material
AgNi 90/10, AgSnO2
Frequency of operation
with/without load
360/72000 ops/h
Operate/release time
typ. 8/8ms
Bounce time, form A/form B
typ. 4/6ms
Contact ratings
Type
Contact Load
Cycles
IEC 61810
PE013
C (CO)
5A, 250VAC, cos
φ=1, 85°C
30x103
PE014/PE015 C (CO)
5A, 250VAC, cos
φ=1, 85°C
100x103
PE014
A (NO)
5A, 30VDC, 0ms, 85°C
100x103
PE015
A (NO)
1,5A, 30VDC, 900/h, 50% DF
100x103
PE034
A (NO)
6A, 250VAC, cos
φ=1, 70°C
50x103
UL 508
PE013
C (CO)
5A, 240VAC, resistive, 85°C
30x103
PE014/PE015 C (CO)
5A, 250VAC, resistive, 85°C
100x103
PE014
A (NO)
5A, 30VDC, resistive, 85°C
100x103
PE034
A (NO)
6A, 250VAC, resistive, 70°C
100x103
PE514
C (CO)
5A, 250VAC, resistive, 85°C
10x103
Mechanical endurance, DC coil
>15x106 operations.
Coil Data
Coil voltage range
5 to 48 VDC
Operative range, IEC 61810
2
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
3
3
2.25
0.3
45
200
5
5
3.8
0.5
125
200
6
6
4.5
0.6
172
209
9
9
6.8
0.9
405
200
12
12
9.0
1.2
685
210
24
24
18.0
2.4
2725
211
48
48
36.0
4.8
10970
210
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Other coil voltages on request.
Insulation Data
Initial dielectric strength
between open contacts
1000Vrms
between contact and coil
4000Vrms
Initial insulation resistance
open contact circuit
>10x109Ω
coil-contact circuit
>10x109Ω
Clearance/creepage
between contact and coil
≥3.2/4mm
Material group of insulation parts
IIIa
F0169-C
Z


Similar Part No. - PE034005

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PE034005 MACOM-PE034005 Datasheet
147Kb / 2P
Miniature PCB Relay
PE034005 MACOM-PE034005 Datasheet
152Kb / 2P
Miniature PCB Relay PE
logo
TE Connectivity Ltd
PE034005 TEC-PE034005 Datasheet
254Kb / 2P
Miniature PCB Relay PE
01-2017, Rev. 0117
PE034005 TEC-PE034005 Datasheet
254Kb / 2P
General Purpose Relays PCB Relays
Rev. 0117
More results

Similar Description - PE034005

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
OJE MACOM-OJE Datasheet
98Kb / 2P
Miniature PCB Relay
PCJ MACOM-PCJ Datasheet
123Kb / 2P
Miniature PCB Relay
PE014005 MACOM-PE014005 Datasheet
147Kb / 2P
Miniature PCB Relay
RE030005 MACOM-RE030005 Datasheet
142Kb / 2P
Miniature PCB Relay
PE014005 MACOM-PE014005_05 Datasheet
152Kb / 2P
Miniature PCB Relay PE
PE014F02 MACOM-PE014F02 Datasheet
154Kb / 2P
Miniature PCB Relay PE bistable
2-1415390-1 MACOM-2-1415390-1 Datasheet
405Kb / 2P
Miniature PCB Relay PE bistable
2-1415391-1 MACOM-2-1415391-1 Datasheet
405Kb / 2P
Miniature PCB Relay PE bistable
4-1415535-9 MACOM-4-1415535-9 Datasheet
221Kb / 2P
Miniature PCB Relay PE
logo
TE Connectivity Ltd
PE514F03 TEC-PE514F03 Datasheet
261Kb / 2P
Miniature PCB Relay PE bistable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com