Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR-60 Datasheet(PDF) 3 Page - B&K Precision Corporation

Part # PR-60
Description  General Accessories
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

PR-60 Datasheet(HTML) 3 Page - B&K Precision Corporation

  PR-60 Datasheet HTML 1Page - B&K Precision Corporation PR-60 Datasheet HTML 2Page - B&K Precision Corporation PR-60 Datasheet HTML 3Page - B&K Precision Corporation PR-60 Datasheet HTML 4Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
General Accessories
Signal Interconnect Kits
Description
Qty.
Frequency
range
Max. VSWR
BNC cable assembly, 100 cm
2
DC - 1 GHz
1.20:1 @ 1 GHz
BNC feed-thru terminator, 2 W
1
DC - 1 GHz
1.20:1 @ 1 GHz
BNC tee, female-male-female
1
DC - 4 GHz
N/A
BNC female to double banana plugs
2
N/A
N/A
BNC female to N type male
1
DC - 4 GHz
1.30:1 @ 4 GHz
BNC female to N type female
1
DC - 4 GHz
1.30:1 @ 4 GHz
BNC attenuator, 20 dB (10x) 2 W
1
DC - 4 GHz
1.25:1 @ 4 GHz
TLFG Function Generator Accessory Kit
The kit provides convenience and functionality to get a user up and running quickly.
The kit eliminates the time consuming start-up task of collecting cables and adapters.
Description
Qty.
Frequency
range
Max. VSWR
BNC cable assembly, 120 cm
2
DC - 1 GHz
1.20:1 @ 1 GHz
BNC (f) breakout w/miniature
alligator clips
1
DC - 1 GHz
N/A
BNC (f) breakout w/Ø.031 sockets
1
DC - 1 GHz
N/A
MiniFlex IC clips, black & red pair
*2
N/A
N/A
MicroFlex IC Clips, black & red pair
*2
N/A
N/A
BNC tee, female-male-female
1
DC - 4 GHz
N/A
BNC female to N type male
1
DC - 4 GHz
1.30:1 @ 4 GHz
Description
Qty.
Universal adapters
6
BNC male adapters
2
BNC female adapters
2
F male adapter
1
F female adapter
1
N Type male adapters
2
N Type female adapters
2
RCA male adapter
1
RCA female adapter
1
SMA male adapter
1
SMA female adapter
1
TNC male adapters
2
TNC female adapters
2
UHF male adapters
2
UHF female adapters
2
Mini-UHF male adapter
1
Mini-UHF female adapter
1
■
■
Convenient interconnection kit
■
■
BNC, TNC, N, SMA, RCA, F, SMA &
Mini-UHF connectors
■
■
Tarnish resistant nickel finish
■
■
Gold plated center contacts
■
■
Zippered storage case
■
■
12-piece kit
■
■
BNC & N type 50 Ω connectors
■
■
Gold plated center contacts
■
■
Storage case
Description
Qty.
Frequency
range
Max. VSWR
BNC tee female-male-female
1
DC - 4 GHz
N/A
N type female-female
1
DC - 8 GHz
1.30:1 @ 8 GHz
N type male-male
1
DC - 8 GHz
1.30:1 @ 8 GHz
N type tee female-male-female
1
DC - 8 GHz
N/A
BNC female to N type male
1
DC - 4 GHz
1.30:1 @ 4 GHz
BNC male to N type female
1
DC - 4 GHz
1.30:1 @ 4 GHz
BNC female-female
1
DC - 4 GHz
1.30:1 @ 4 GHz
BNC male-male
1
DC - 4 GHz
1.30:1 @ 4 GHz
BNC female to N type female
1
DC - 4 GHz
1.30:1 @ 4 GHz
BNC Tee female-female-female
1
DC - 4 GHz
N/A
N type tee female-female-female
1
DC - 8 GHz
N/A
N type right-angle male-female
1
DC - 8 GHz
1.35:1 @ 8 GHz
CT 2701 General Purpose Universal Coaxial Adapter Kit
This kit provides a convenient solution for most interconnection needs. The
included 6 universal adapters allows assembly of hundreds of different
configurations: male-to-male, female-to-female, male-to-female, in-series and
between-series for BNC, TNC, N-Type, F, RCA, SMA, UHF and Mini-UHF.
CC 510 General Purpose Function Generator Kit
This kit provides a range of BNC and N Type coaxial interconnection for basic
function / arbitrary waveform generators use. All components feature standard
BNC or N Type interfaces with 50 Ω impedance and gold plated center contacts
to ensure accurate repeatable measurements. The kit is provided in a convenient
foam lined storage case for easy selection and use.
*black & red pair
CC500 General Purpose BNC &
N Type Adapter Kit
This general purpose BNC & N type adapter
kit provides a comprehensive range of
in-series and between-series BNC and N
type coaxial adapters for basic RF testing
and troubleshooting needs.
70



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com