Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX364C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX364C/D
Description  Precision, Quad, SPST Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX364C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX364C/D Datasheet HTML 1Page - Maxim Integrated Products MAX364C/D Datasheet HTML 2Page - Maxim Integrated Products MAX364C/D Datasheet HTML 3Page - Maxim Integrated Products MAX364C/D Datasheet HTML 4Page - Maxim Integrated Products MAX364C/D Datasheet HTML 5Page - Maxim Integrated Products MAX364C/D Datasheet HTML 6Page - Maxim Integrated Products MAX364C/D Datasheet HTML 7Page - Maxim Integrated Products MAX364C/D Datasheet HTML 8Page - Maxim Integrated Products MAX364C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Precision, Quad, SPST Analog Switches
_______________________________________________________________________________________
5
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
ON LEAKAGE CURRENTS
-2
-1
0
1
2
-15
0
15
VNC, VNO, VCOM (V)
IS(ON) + ID(ON)
TA = +125°C
TA = +85°C
V+ = 15V
V- = -15V
OFF LEAKAGE CURRENTS
-1
0
1
-15
0
15
VNC, VNO, VCOM (V)
TA = +85°C
TA = +125°C
V+ = 15V
V- = -15V
SWITCHING THRESHOLD vs.
BIPOLAR SUPPLY VOLTAGE
0
0.5
1.5
2.0
2.5
3.0
3.5
±5
±10
±15
±20
BIPOLAR SUPPLY VOLTAGE (V)
ON RESISTANCE vs. VCOM AND
UNIPOLAR SUPPLY VOLTAGE
0
25
50
75
100
125
0
5
10
15
20
VCOM (V)
V+ = 10V
V+ = 15V
V+ = 20V
150
ON RESISTANCE vs. VCOM, UNIPOLAR
SUPPLY VOLTAGE AND TEMPERATURE
0
25
50
75
100
125
150
04
8
12
VCOM (V)
TA = +125°C
TA = +25°C
TA = -55°C
V+ = 12V
V- = 0V
ON RESISTANCE vs. VCOM AND
BIPOLAR SUPPLY VOLTAGE
30
60
90
120
-20
-10
0
10
20
VCOM (V)
0
±5V
±10V
±15V
±20V
ON RESISTANCE vs. VCOM,
BIPOLAR SUPPLY VOLTAGE AND TEMPERATURE
0
20
40
60
80
100
-14
-7
0
7
14
VCOM (V)
TA = +125°C
TA = -55°C
TA = +25°C
V+ = 15V, V- = -15V
SWITCHING TIME vs.
BIPOLAR SUPPLY VOLTAGE
0
40
80
120
160
±5
±10
±15
±20
BIPOLAR SUPPLY VOLTAGE (V)
t ON
t OFF
SWITCHING TIMES vs.
UNIPOLAR SUPPLY VOLTAGE
0
50
100
150
200
10
15
20
24
UNIPOLAR SUPPLY VOLTAGE (V)
V- = 0V
t ON
t OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com