Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9651 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9651
Description  SMART QUAD SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9651 Datasheet(HTML) 2 Page - STMicroelectronics

  L9651 Datasheet HTML 1Page - STMicroelectronics L9651 Datasheet HTML 2Page - STMicroelectronics L9651 Datasheet HTML 3Page - STMicroelectronics L9651 Datasheet HTML 4Page - STMicroelectronics L9651 Datasheet HTML 5Page - STMicroelectronics L9651 Datasheet HTML 6Page - STMicroelectronics L9651 Datasheet HTML 7Page - STMicroelectronics L9651 Datasheet HTML 8Page - STMicroelectronics L9651 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
L9651
2/9
PIN CONNECTION (Top view)
PIN FUNCTION
Pin
Function
1, 10,
11, 20
GND
Ground
2, 19
N.C.
Not Connected
3
IN1
Input 1
4
IN2
Input 2
5
OUT1
Output 1
6
VBAT
Supply Voltage
7
OUT2
Output 2
8
DO
Serial Data Out
9
CL
Clock
12
SY
Synchronization
13
DI
Serial Data In
14
OUT3
Output 3
15
R
Reset
16
OUT4
Output 4
17
IN3
Input 3
18
IN4
Input 4
GND
CL
SY
IN1
IN2
VBAT
OUT1
OUT2
DO
N.C.
GND
10
8
9
7
6
5
4
3
2
13
14
15
16
17
19
18
20
12
1
11
GND
SO20POW
DI
OUT3
OUT4
R
IN3
N.C.
GND
IN4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com