Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX365ESE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX365ESE
Description  Precision, Quad, SPST Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX365ESE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX365ESE Datasheet HTML 1Page - Maxim Integrated Products MAX365ESE Datasheet HTML 2Page - Maxim Integrated Products MAX365ESE Datasheet HTML 3Page - Maxim Integrated Products MAX365ESE Datasheet HTML 4Page - Maxim Integrated Products MAX365ESE Datasheet HTML 5Page - Maxim Integrated Products MAX365ESE Datasheet HTML 6Page - Maxim Integrated Products MAX365ESE Datasheet HTML 7Page - Maxim Integrated Products MAX365ESE Datasheet HTML 8Page - Maxim Integrated Products MAX365ESE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Precision, Quad, SPST Analog Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Dual Supplies
(V+ = 15V, V- = -15V, VL = 5V, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
SYMBOL
UNITS
RON
15
9
RON
2
100
-0.50
0.01
0.50
NC_ or NO_ Leakage Current
INO_,
INC
-4
4
nA
-0.50
0.01
0.50
COM_ Off Leakage Current
INO,
INC
-4
4
nA
Analog-Signal Range
-15
15
V
On Resistance
RON
50
85
-0.50
0.08
0.50
COM_, NC_ or NO_ On
Leakage Current
-6
6
nA
IINH
-0.5
-0.00001
0.5
∝A
IINL
-0.5
-0.00001
0.5
∝A
CONDITIONS
(Note 3)
Voltage Referenced to V-
V+........................................................................................44V
GND ....................................................................................25V
VL ..................................................(GND - 0.3V) to (V+ + 0.3V)
IN_, COM_, NO_, or NC_ ..........(V- - 2V) to (V+ + 2V) or 30mA
................................................................(whichever occurs first)
Continuous Current (any terminal) ......................................30mA
Peak Current COM_, NO_, or NC_
(pulsed at 1ms, 10% duty cycle max) ...........................100mA
ESD ....................................................................................2000V
Note 1: All leads are soldered or welded to PC board.
VCOM_,
VNO_,
VNC
TA = +25°C
COM_ to NO_ or NC,
ICOM = -10mA,
VCOM = 8.5V or -8.5V,
V+ = 13.5V, V- = -13.5V
TA = TMIN to TMAX
On Resistance Match
Between Channels (Note 4)
TA = +25°C
4
TA = TMIN to TMAX
ICOM = -10mA,
VCOM = 10V or -10V,
V+ = 15V, V- = -15V
TA = +25°C
TA = TMIN to TMAX
On Resistance Flatness (Note 4)
ICOM = -10mA,
VCOM = 5V or -5V,
V+ = 15V, V- = -15V
TA = +25°C
TA = TMIN to TMAX
NO_ or NC_ terminal,
VCOM = ±15.5V,
VNO or VNC = +15.5V,
V+ = 16.5V, V- = -16.5V
ICOM or
INO, INC
Input Current with
Input Voltage High
Input Current with
Input Voltage Low
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
VIN_ = 2.4V, all others = 0.8V
VIN_ = 0.8V, all others = 2.4V
COM_ terminal,
VNO or VNC = ±15.5V,
VCOM = +15.5V,
V+ = 16.5V, V- = -16.5V
COM_ to NC_ or NO_
VCOM = ±15.5V,
VNO or VNC = ±15.5V,
V+ = 16.5V, V- = -16.5V
MIN
TYP
MAX
(Note 2)
ANALOG
INPUT
Continuous Power Dissipation (TA = +70°C) (Note 1)
Plastic DIP (derate 10.53mW/°C above +70°C)............842mW
QFN (derate 19.2mW/°C above +70°C)......................1538mW
Narrow SO (derate 8.70mW/°C above +70°C) .............696mW
Operating Temperature Ranges:
MAX36_C_ _ ........................................................0°C to +70°C
MAX36_E_ _......................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com