Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

23XSC101MLB22A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 23XSC101MLB22A
Description  Spindle Operated Potentiometers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

23XSC101MLB22A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  23XSC101MLB22A Datasheet HTML 1Page - List of Unclassifed Manufacturers 23XSC101MLB22A Datasheet HTML 2Page - List of Unclassifed Manufacturers 23XSC101MLB22A Datasheet HTML 3Page - List of Unclassifed Manufacturers 23XSC101MLB22A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
24 - Standard 20mm with
24 - Standard 20mm with
24 - Standard 20mm with
24 - Standard 20mm with
24 - Standard 20mm with
Mounting Bracket
Mounting Bracket
Mounting Bracket
Mounting Bracket
Mounting Bracket
25 - No Bush Mounting
25 - No Bush Mounting
25 - No Bush Mounting
25 - No Bush Mounting
25 - No Bush Mounting
Bracket terminations
Bracket terminations
Bracket terminations
Bracket terminations
Bracket terminations
swept forward
swept forward
swept forward
swept forward
swept forward
parallel to shaft
parallel to shaft
parallel to shaft
parallel to shaft
parallel to shaft
26 - Pc terminations
26 - Pc terminations
26 - Pc terminations
26 - Pc terminations
26 - Pc terminations
swept down to
swept down to
swept down to
swept down to
swept down to
board for rear
board for rear
board for rear
board for rear
board for rear
mounting
mounting
mounting
mounting
mounting
27 - Dual gang style
27 - Dual gang style
27 - Dual gang style
27 - Dual gang style
27 - Dual gang style
single shaft same
single shaft same
single shaft same
single shaft same
single shaft same
value/tol on each
value/tol on each
value/tol on each
value/tol on each
value/tol on each
section
section
section
section
section
28 - Pc T
28 - Pc T
28 - Pc T
28 - Pc T
28 - Pc Terminations
erminations
erminations
erminations
erminations
swept forward
swept forward
swept forward
swept forward
swept forward
parellel to shaft
parellel to shaft
parellel to shaft
parellel to shaft
parellel to shaft
29 - Dual Concentric
29 - Dual Concentric
29 - Dual Concentric
29 - Dual Concentric
29 - Dual Concentric
style
style
style
style
style
E
E
E
E
E
X
X
X
X
X
T
T
T
T
The first two digits are
he first two digits are
he first two digits are
he first two digits are
he first two digits are
significant figures of
significant figures of
significant figures of
significant figures of
significant figures of
resistance value and
resistance value and
resistance value and
resistance value and
resistance value and
the third denotes the
the third denotes the
the third denotes the
the third denotes the
the third denotes the
number of zeros
number of zeros
number of zeros
number of zeros
number of zeros
following
following
following
following
following
104
104
104
104
104
100 k Ohms : 101
100 k Ohms : 101
100 k Ohms : 101
100 k Ohms : 101
100 k Ohms : 101
4.7 k Ohms : 472
4.7 k Ohms : 472
4.7 k Ohms : 472
4.7 k Ohms : 472
4.7 k Ohms : 472
22k Ohms : 223
22k Ohms : 223
22k Ohms : 223
22k Ohms : 223
22k Ohms : 223
100k Ohms : 104
100k Ohms : 104
100k Ohms : 104
100k Ohms : 104
100k Ohms : 104
M
M
M
M
M
L - Diecast M10 x 9mm
L - Diecast M10 x 9mm
L - Diecast M10 x 9mm
L - Diecast M10 x 9mm
L - Diecast M10 x 9mm
no location lug
no location lug
no location lug
no location lug
no location lug
6mm Hole
6mm Hole
6mm Hole
6mm Hole
6mm Hole
W - Diecast M10 x 9mm
W - Diecast M10 x 9mm
W - Diecast M10 x 9mm
W - Diecast M10 x 9mm
W - Diecast M10 x 9mm
with locator
with locator
with locator
with locator
with locator
6 mm hole
6 mm hole
6 mm hole
6 mm hole
6 mm hole
Y - Diecast M10 x 9mm
Y - Diecast M10 x 9mm
Y - Diecast M10 x 9mm
Y - Diecast M10 x 9mm
Y - Diecast M10 x 9mm
no locator 4mm hole
no locator 4mm hole
no locator 4mm hole
no locator 4mm hole
no locator 4mm hole
M - Diecast 3/8" x 8mm
M - Diecast 3/8" x 8mm
M - Diecast 3/8" x 8mm
M - Diecast 3/8" x 8mm
M - Diecast 3/8" x 8mm
with location lug
with location lug
with location lug
with location lug
with location lug
6.35mm hole
6.35mm hole
6.35mm hole
6.35mm hole
6.35mm hole
K - Diecast 3/8" x 8mm
K - Diecast 3/8" x 8mm
K - Diecast 3/8" x 8mm
K - Diecast 3/8" x 8mm
K - Diecast 3/8" x 8mm
no locator 6.35mm hole
no locator 6.35mm hole
no locator 6.35mm hole
no locator 6.35mm hole
no locator 6.35mm hole
P - Diecast M7 x 6mm
P - Diecast M7 x 6mm
P - Diecast M7 x 6mm
P - Diecast M7 x 6mm
P - Diecast M7 x 6mm
no locator 4mm hole
no locator 4mm hole
no locator 4mm hole
no locator 4mm hole
no locator 4mm hole
S -
S -
S -
S -
S - Insulated M10 x 7mm
Insulated M10 x 7mm
Insulated M10 x 7mm
Insulated M10 x 7mm
Insulated M10 x 7mm
6mm Hole
6mm Hole
6mm Hole
6mm Hole
6mm Hole
T -
T -
T -
T -
T - Insulated M10 x 10mm
Insulated M10 x 10mm
Insulated M10 x 10mm
Insulated M10 x 10mm
Insulated M10 x 10mm
6mm Hole
6mm Hole
6mm Hole
6mm Hole
6mm Hole
U - No Bush
U - No Bush
U - No Bush
U - No Bush
U - No Bush
F -
F -
F -
F -
F - Diecast 3/8" x 12mm
Diecast 3/8" x 12mm
Diecast 3/8" x 12mm
Diecast 3/8" x 12mm
Diecast 3/8" x 12mm
6.35mm hole
6.35mm hole
6.35mm hole
6.35mm hole
6.35mm hole
G - Diecast 3/8" x 8mm
G - Diecast 3/8" x 8mm
G - Diecast 3/8" x 8mm
G - Diecast 3/8" x 8mm
G - Diecast 3/8" x 8mm
no locator
no locator
no locator
no locator
no locator
4mm hole
4mm hole
4mm hole
4mm hole
4mm hole
B
B
B
B
B
FMF in mm
FMF in mm
FMF in mm
FMF in mm
FMF in mm
ie 22mm
ie 22mm
ie 22mm
ie 22mm
ie 22mm
M - 20%
M - 20%
M - 20%
M - 20%
M - 20%
K - 10%
K - 10%
K - 10%
K - 10%
K - 10%
22
22
22
22
22
A
A
A
A
A
A - Linear
A - Linear
A - Linear
A - Linear
A - Linear
B - log
B - log
B - log
B - log
B - log
C - Inv
C - Inv
C - Inv
C - Inv
C - Inv. Log
. Log
. Log
. Log
. Log
E - Std Eyelet
E - Std Eyelet
E - Std Eyelet
E - Std Eyelet
E - Std Eyelet
P - Std Pc 15mm MH
P - Std Pc 15mm MH
P - Std Pc 15mm MH
P - Std Pc 15mm MH
P - Std Pc 15mm MH
R - Long Pc
R - Long Pc
R - Long Pc
R - Long Pc
R - Long Pc
X - Extra long Pc
X - Extra long Pc
X - Extra long Pc
X - Extra long Pc
X - Extra long Pc
S - Pc bent forward
S - Pc bent forward
S - Pc bent forward
S - Pc bent forward
S - Pc bent forward
at 90°
at 90°
at 90°
at 90°
at 90°
A - PLAIN 6mm
A - PLAIN 6mm
A - PLAIN 6mm
A - PLAIN 6mm
A - PLAIN 6mm
B - SLOTTED 6mm
B - SLOTTED 6mm
B - SLOTTED 6mm
B - SLOTTED 6mm
B - SLOTTED 6mm
C - FLA
C - FLA
C - FLA
C - FLA
C - FLATTED 6mm
TTED 6mm
TTED 6mm
TTED 6mm
TTED 6mm
5mm A/F
5mm A/F
5mm A/F
5mm A/F
5mm A/F
D - FLA
D - FLA
D - FLA
D - FLA
D - FLATTED 6mm
TTED 6mm
TTED 6mm
TTED 6mm
TTED 6mm
deep flat 4mm A/F
deep flat 4mm A/F
deep flat 4mm A/F
deep flat 4mm A/F
deep flat 4mm A/F
E - PLAIN 4mm
E - PLAIN 4mm
E - PLAIN 4mm
E - PLAIN 4mm
E - PLAIN 4mm
F - FULL 6.35mm
F - FULL 6.35mm
F - FULL 6.35mm
F - FULL 6.35mm
F - FULL 6.35mm
flat - special angle
flat - special angle
flat - special angle
flat - special angle
flat - special angle
G - FLA
G - FLA
G - FLA
G - FLA
G - FLATTED 4mm
TTED 4mm
TTED 4mm
TTED 4mm
TTED 4mm
H - PLAIN 6.35mm
H - PLAIN 6.35mm
H - PLAIN 6.35mm
H - PLAIN 6.35mm
H - PLAIN 6.35mm
J - FLA
J - FLA
J - FLA
J - FLA
J - FLATTED 5.5mm
TTED 5.5mm
TTED 5.5mm
TTED 5.5mm
TTED 5.5mm
L - FLA
L - FLA
L - FLA
L - FLA
L - FLATTED 6mm
TTED 6mm
TTED 6mm
TTED 6mm
TTED 6mm
4.6mm A/F
4.6mm A/F
4.6mm A/F
4.6mm A/F
4.6mm A/F
M - FLA
M - FLA
M - FLA
M - FLA
M - FLATTED 6.35mm
TTED 6.35mm
TTED 6.35mm
TTED 6.35mm
TTED 6.35mm
alloy
alloy
alloy
alloy
alloy
A - DPST -
A - DPST -
A - DPST -
A - DPST -
A - DPST -
4A/250 V Ac
4A/250 V Ac
4A/250 V Ac
4A/250 V Ac
4A/250 V Ac
B - SPST - Eyelet
B - SPST - Eyelet
B - SPST - Eyelet
B - SPST - Eyelet
B - SPST - Eyelet
termination
termination
termination
termination
termination
C - DPDT -
C - DPDT -
C - DPDT -
C - DPDT -
C - DPDT -
Changeover
Changeover
Changeover
Changeover
Changeover
switch
switch
switch
switch
switch
D - DPST - Eyelet
D - DPST - Eyelet
D - DPST - Eyelet
D - DPST - Eyelet
D - DPST - Eyelet
terminations
terminations
terminations
terminations
terminations
on rear 1A
on rear 1A
on rear 1A
on rear 1A
on rear 1A
N - No Switch
N - No Switch
N - No Switch
N - No Switch
N - No Switch
T - SPST PC
T - SPST PC
T - SPST PC
T - SPST PC
T - SPST PC
terminals
terminals
terminals
terminals
terminals
A
A
A
A
A
POTENTIMETER TYPE
POTENTIMETER TYPE
POTENTIMETER TYPE
POTENTIMETER TYPE
POTENTIMETER TYPE
23
23
23
23
23
23 - Std Spindle Style
23 - Std Spindle Style
23 - Std Spindle Style
23 - Std Spindle Style
23 - Std Spindle Style
CUSTOMER IDENTITY
CUSTOMER IDENTITY
CUSTOMER IDENTITY
CUSTOMER IDENTITY
CUSTOMER IDENTITY
RESIST
RESIST
RESIST
RESIST
RESISTANCE V
ANCE V
ANCE V
ANCE V
ANCE VALUE
ALUE
ALUE
ALUE
ALUE
BUSH DET
BUSH DET
BUSH DET
BUSH DET
BUSH DETAILS
AILS
AILS
AILS
AILS
L
L
L
L
L
SHAFT LENGTH
SHAFT LENGTH
SHAFT LENGTH
SHAFT LENGTH
SHAFT LENGTH
SWITCH DET
SWITCH DET
SWITCH DET
SWITCH DET
SWITCH DETAILS
AILS
AILS
AILS
AILS
SHAFT STYLE
SHAFT STYLE
SHAFT STYLE
SHAFT STYLE
SHAFT STYLE
RESIST
RESIST
RESIST
RESIST
RESISTANCE TOLERANCE
ANCE TOLERANCE
ANCE TOLERANCE
ANCE TOLERANCE
ANCE TOLERANCE
RESIST
RESIST
RESIST
RESIST
RESISTANCE LA
ANCE LA
ANCE LA
ANCE LA
ANCE LAW
W
W
W
W
TERMINA
TERMINA
TERMINA
TERMINA
TERMINATION STYLE
TION STYLE
TION STYLE
TION STYLE
TION STYLE
S - Standard
S - Standard
S - Standard
S - Standard
S - Standard
X - Customer Special
X - Customer Special
X - Customer Special
X - Customer Special
X - Customer Special
See drawing
See drawing
See drawing
See drawing
See drawing
(provide copy with
(provide copy with
(provide copy with
(provide copy with
(provide copy with
order)
order)
order)
order)
order)
D - Special Cut and Mtd
D - Special Cut and Mtd
D - Special Cut and Mtd
D - Special Cut and Mtd
D - Special Cut and Mtd
track
track
track
track
track
HOW TO ORDER
N.B. Where a potentiometer is rear mounting then the SHAFT
LENGTH is measured from the PCB to the tip of the shaft whether
or not it is fitted with a mounting bush.
TYPE 23 SERIES
4 OF 4
Meggitt Electronic Components Ltd. Ohmic House, Westmead Industrial Estate, Swindon, Wilts. SN5 7US
Telephone: (01793)487301 (Admin.) (01793) 611666 (Sales) www.megelec.co.uk Citec G Fax:(01793) 610217 or 51
This publication is issued to provdie outline information only and (unless specifically agreed to the contrary by the Company in writing) is not to form part of any order
or be regarded as a representation relating to the products or service concerned. We reserve the right to alter without notice the specification, design, price or conditions
of supply of any product or service. Whilst Meggitt Electronic Components products are of the very highest quality and reliability, all electronic components can occasionally
be subject to failure. Where failure of a Meggitt Electronic Components product could result in life threatening consequences,then the circuit and application must be discussed
with the Company. Such areas might include ECG, respiratory. and other medical and nuclear applications and any non fail safe applications circuit.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com