Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6244CMS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6244CMS8
Description  Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6244CMS8 Datasheet(HTML) 1 Page - Linear Technology

  LTC6244CMS8 Datasheet HTML 1Page - Linear Technology LTC6244CMS8 Datasheet HTML 2Page - Linear Technology LTC6244CMS8 Datasheet HTML 3Page - Linear Technology LTC6244CMS8 Datasheet HTML 4Page - Linear Technology LTC6244CMS8 Datasheet HTML 5Page - Linear Technology LTC6244CMS8 Datasheet HTML 6Page - Linear Technology LTC6244CMS8 Datasheet HTML 7Page - Linear Technology LTC6244CMS8 Datasheet HTML 8Page - Linear Technology LTC6244CMS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC6244
1
6244f
INPUT OFFSET VOLTAGE (
µV)
–60
–40
60
80
100
120
60
6244 G01
40
20
50
70
90
110
30
10
0
–20
0
20
40
LTC6244MS8
VS = 5V, 0V
VCM = 2.5V
TA = 25°C
Dual 50MHz, Low Noise,
Rail-to-Rail, CMOS Op Amp
The LTC®6244 is a dual high speed, unity-gain stable CMOS
op amp that features a 50MHz gain bandwidth, 40V/µs slew
rate, 1pA of input bias current, low input capacitance and
rail-to-rail output swing. The 0.1Hz to 10Hz noise is just
1.5µVP-P and 1kHz noise is guaranteed to be less than
12nV/√Hz. This excellent AC and noise performance is
combined with wide supply range operation, a maximum
offset voltage of just 100µV and drift of only 2.5µV/°C,
making it suitable for use in many fast signal processing
applications, such as photodiode amplifiers.
This op amp has an output stage that swings within 35mV
of either supply rail to maximize the signal dynamic range
in low supply applications. The input common mode
range extends to the negative supply. It is fully specified
on 3V and 5V, and an HV version guarantees operation
on supplies of ±5V.
The LTC6244 is available in the 8-pin MSOP, and for com-
pact designs, it is packaged in the tiny dual fine pitch lead
free (DFN) package.
■ Photodiode Amplifiers
■ Charge Coupled Amplifiers
■ Low Noise Signal Processing
■ Active Filters
■ Medical Instrumentation
■ High Impedance Transducer Amplifier
■ Input Bias Current: 1pA (Typ at 25°C)
■ Low Offset Voltage: 100µV Max
■ Low Offset Drift: 2.5µV/°C Max
■ 0.1Hz to 10Hz Noise: 1.5µVP-P
■ Slew Rate: 40V/µs
■ Gain Bandwidth Product: 50MHz
■ Output Swings Rail-to-Rail
■ Supply Operation:
2.8V to 6V LTC6244
2.8V to ±5.25V LTC6244HV
■ Low Input Capacitance: 2.1pF
■ Available in 8-Pin MSOP and Tiny DFN Packages
Very Low Noise Large Area Photodiode
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
VOS Distribution
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
5V
VOUT = 1M • IPD
BW = 350kHz
NOISE = 291nV AT 10kHz
5V
VBB
IPD
1M
PHILIPS
BF862
JFET
HAMAMATSU LARGE AREA
PHOTODIODE
S1227-1010BQ
CPD = 3000pF
* CAN BE MICROPHONIC, FILM, X7R, IF NEEDED.
0.25pF
–5V 6244 TA01a
–
+
1/2
LTC6244HV
–5V
4.99k
4.7
µF*
4.99k
VOUT


Similar Part No. - LTC6244CMS8

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC6244 AD-LTC6244 Datasheet
752Kb / 26P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
Rev C
logo
Linear Technology
LTC6244 LINER-LTC6244_15 Datasheet
364Kb / 26P
Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
More results

Similar Description - LTC6244CMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1677 LINER-LT1677 Datasheet
239Kb / 16P
Low Noise, Rail-to-Rail Precision Op Amp
LTC6241 LINER-LTC6241 Datasheet
490Kb / 24P
Dual/Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amps
logo
Intersil Corporation
ISL28191 INTERSIL-ISL28191 Datasheet
1Mb / 14P
Single and Dual Ultra-Low Noise, Rail-to-Rail, Op Amp
April 13, 2007
logo
Linear Technology
LT1677 LINER-LT1677_1 Datasheet
548Kb / 20P
Low Noise, Rail-to-Rail Precision Op Amp
logo
Micrel Semiconductor
MIC7122 MICREL-MIC7122_05 Datasheet
54Kb / 8P
Rail-to-Rail Dual Op Amp
logo
Maxim Integrated Produc...
MAX44280 MAXIM-MAX44280 Datasheet
2Mb / 16P
1.8V, 50MHz, Low-Offset, Low-Power, Rail-to-Rail I/O Op Amp
Rev 1; 4/12
logo
Linear Technology
RH6200M LINER-RH6200M_15 Datasheet
159Kb / 10P
Low Noise, High Speed Rail-to-Rail Op Amp
LT1677 LINER-LT1677_15 Datasheet
553Kb / 20P
Low Noise, Rail-to-Rail Precision Op Amp
LTC6244 LINER-LTC6244_15 Datasheet
364Kb / 26P
Dual 50MHz, Low Noise, Rail-to-Rail, CMOS Op Amp
logo
Microchip Technology
MIC7122 MICROCHIP-MIC7122 Datasheet
934Kb / 22P
Rail-to-Rail Dual Op Amp
05/14/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com