Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2PP326AI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY2PP326AI
Description  2 x 2 Clock and Data Switch Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2PP326AI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY2PP326AI Datasheet HTML 1Page - Cypress Semiconductor CY2PP326AI Datasheet HTML 2Page - Cypress Semiconductor CY2PP326AI Datasheet HTML 3Page - Cypress Semiconductor CY2PP326AI Datasheet HTML 4Page - Cypress Semiconductor CY2PP326AI Datasheet HTML 5Page - Cypress Semiconductor CY2PP326AI Datasheet HTML 6Page - Cypress Semiconductor CY2PP326AI Datasheet HTML 7Page - Cypress Semiconductor CY2PP326AI Datasheet HTML 8Page - Cypress Semiconductor CY2PP326AI Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
FastEdge™ Series
CY2PP326
Document #: 38-07506 Rev.*D
Page 3 of 9
Absolute Maximum Ratings
Parameter
Description
Condition
Min.
Max.
Unit
VCC
Positive Supply Voltage
Non-Functional
–0.3
4.6
V
VEE
Negative Supply Voltage
Non-Functional
-4.6
0.3
V
TS
Temperature, Storage
Non-Functional
–65
+150
°C
TJ
Temperature, Junction
Non-Functional
150
°C
ESDh
ESD Protection
Human Body Model
2000
V
MSL
Moisture Sensitivity Level
3
N.A.
Gate Count Total Number of Used Gates
Assembled Die
50
gates
Multiple Supplies: The Voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing is NOT required.
Operating Conditions
Parameter
Description
Condition
Min.
Max.
Unit
LUI
Latch Up Immunity
Functional, typical
100
mA
TA
Temperature, Operating Ambient
Functional
–40
+85
°C
ØJc
Dissipation, Junction to Case
Functional
29[3]
°C/W
ØJa
Dissipation, Junction to Ambient
Functional
75[3]
°C/W
IEE
Maximum Quiescent Supply Current
VEE pin
130 [4]
mA
CIN
Input pin capacitance
3pF
LIN
Pin Inductance
1nH
VIN
Input Voltage
Relative to VCC[5]
–0.3
VCC + 0.3
V
VTT
Output Termination Voltage
Relative to VCC[5]
VCC – 2
V
VOUT
Output Voltage
Relative to VCC[5]
–0.3
VCC + 0.3
V
IIN
Input Current[6]
VIN = VIL, or VIN = VIH
l150l
uA
PECL DC Electrical Specifications
Parameter
Description
Condition
Min.
Max.
Unit
VCC
Operating Voltage
2.5V ± 5%, VEE = 0.0V
3.3V ± 5%, VEE = 0.0V
2.375
3.135
2.625
3.465
V
V
VCMR
Differential Cross Point Voltage[7]
Differential operation
1.2
VCC
V
VOH
Output High Voltage
IOH = –30 mA[8]
VCC – 1.25
VCC – 0.7
V
VOL
Output Low Voltage
VCC = 3.3V ± 5%
VCC = 2.5V ± 5%
IOL = –5 mA[8]
VCC – 1.995
VCC –1.995
VCC – 1.5
VCC – 1.3
V
V
VIH
Input Voltage, High
Single-ended operation
VCC – 1.165
VCC – 0.880 [9]
V
VIL
Input Voltage, Low
Single-ended operation
VCC – 1.945 [9]
VCC – 1.625
V
Notes:
3. Theta JA EIA JEDEC 51 test board conditions (typical value); Theta JC 883E Method 1012.1
4. Power Calculation: VCC * IEE +0.5 (IOH + IOL) (VOH – VOL) (number of differential outputs used); IEE does not include current going off chip.
5. where VCC is 3.3V±5% or 2.5V±5%
6. Inputs have internal pull-up/pull-down or biasing resistors which affect the input current.
7. Refer to Figure 1
8. Equivalent to a termination of 50
Ω to VTT. IOHMIN=(VOHMIN-VTT)/50; IOHMAX=(VOHMAX-VTT)/50; IOLMIN=(VOLMIN-VTT)/50; IOLMAX=(VOLMAX-VTT)/50;
9. VIL will operate down to VEE; VIH will operate up to VCC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com