Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2SSTV855ZCT Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY2SSTV855ZCT
Description  Differential Clock Buffer/Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2SSTV855ZCT Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY2SSTV855ZCT Datasheet HTML 1Page - Cypress Semiconductor CY2SSTV855ZCT Datasheet HTML 2Page - Cypress Semiconductor CY2SSTV855ZCT Datasheet HTML 3Page - Cypress Semiconductor CY2SSTV855ZCT Datasheet HTML 4Page - Cypress Semiconductor CY2SSTV855ZCT Datasheet HTML 5Page - Cypress Semiconductor CY2SSTV855ZCT Datasheet HTML 6Page - Cypress Semiconductor CY2SSTV855ZCT Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CY2SSTV855
Document #: 38-07459 Rev. *F
Page 2 of 7
Zero-delay Buffer
When used as a zero-delay buffer the CY2SSTV855 will likely
be in a nested clock tree application. For these applications
the CY2SSTV855 offers a differential clock input pair as a PLL
reference. The CY2SSTV855 then can lock onto the reference
and translate with near zero delay to low-skew outputs. For
normal operation, the external feedback differential input,
FBINT/C, is connected to the feedback output, FBOUTT/C. By
connecting the feedback output to the feedback input the
propagation delay through the device is eliminated. The PLL
works to align the output edge with the input reference edge
thus producing a near zero delay. The reference frequency
affects the static phase offset of the PLL and thus the relative
delay between the inputs and outputs.
When AVDD is strapped LOW, the PLL is turned off and
bypassed for test purposes.
Pin Definition[1, 2]
Pin
Name
I/O
Description
6CLKINT
I
True Clock Input. Low Voltage Differential True Clock Input.
7CLKINC
I
Complementary Clock Input. Low Voltage Differential Complementary Clock Input.
22
FBINC
I
Feedback Complementary Clock Input. Differential Input Connect to FBOUTC for
accessing the PLL.
23
FBINT
I
Feedback True Clock Input. Differential Input Connect to FBOUTT for accessing the
PLL.
3,12,17,26
YT(0:3)
O
True Clock Outputs. Differential Outputs.
2,13,16,27
YC(0:3)
O
Complementary Clock Outputs. Differential Outputs.
19
FBOUTT
O
Feedback True Clock Output. Differential Outputs. Connect to FBINT for normal
operation. A bypass delay capacitor at this output will control Input Reference/Output
Clocks phase relationships.
20
FBOUTC
O
Feedback Complementary Clock Output. Differential Outputs. Connect to FBINC for
normal operation. A bypass delay capacitor at this output will control Input
Reference/Output Clocks phase relationships.
24
PWRDWN
I
Control input to turn device in the power-down mode.
4,8,11,18,21,25
VDDQ
2.5V Power Supply for Output Clock Buffers.2.5V Nominal.
9AVDD
2.5V Power Supply for PLL. 2.5V Nominal.
1,5,14,15,28
GND
Ground
10
AGND
Analog Ground. 2.5V Analog Ground.
Function Table
Inputs
Outputs
PLL
AVDD
PWRDWN
CLKINT
CLKINC
YT(0:3)
YC(0:3)
FBOUTT
FBOUTC
GND
H
L
H
L
H
L
H
BYPASSED/OFF
GND
H
H
L
H
L
H
L
BYPASSED/OFF
2.5V
H
L
H
L
H
L
H
On
2.5V
H
H
L
H
L
H
L
On
2.5V
X
< 20 MHz
< 20 MHz
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Off
Notes:
1. PU = internal pull-up.
2. A bypass capacitor (0.1
µF) should be placed as close as possible to each positive power pin (< 0.2”). If these bypass capacitors are not close to the pins their
high frequency filtering characteristic will be cancelled by the lead inductance of the traces.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com