Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0603B104F4R0CG Datasheet(PDF) 13 Page - Multicomp Pro

Part # 0603B104F4R0CG
Description  General Purpose Multilayer Ceramic Capacitors 4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

0603B104F4R0CG Datasheet(HTML) 13 Page - Multicomp Pro

Back Button 0603B104F4R0CG Datasheet HTML 9Page - Multicomp Pro 0603B104F4R0CG Datasheet HTML 10Page - Multicomp Pro 0603B104F4R0CG Datasheet HTML 11Page - Multicomp Pro 0603B104F4R0CG Datasheet HTML 12Page - Multicomp Pro 0603B104F4R0CG Datasheet HTML 13Page - Multicomp Pro 0603B104F4R0CG Datasheet HTML 14Page - Multicomp Pro 0603B104F4R0CG Datasheet HTML 15Page - Multicomp Pro 0603B104F4R0CG Datasheet HTML 16Page - Multicomp Pro 0603B104F4R0CG Datasheet HTML 17Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Page <13>
V1.0
12/05/25
General Purpose Multilayer Ceramic Capacitors
4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
1. The letter in cell is expressed the symbol of product thickness.
2. The letter in cell with “ * ” mark is expressed product not in 10% (code “K”) tolerance.
Dielectric
X5R
Size
0805
1206
1210
Rated Voltage
(V DC)
4
6.3
10
16
25
50
4
6.3
10
16
25
50
63
4
6.3
10
16
25
35
50
1.0μF (105)
D
D
D
I
P
1.5μF (155)
I
I
I
I
J
J
P
P
K
K
2.2μF (225)
I
I
I
I
I
J
J
P
P
K
K
3.3μF (335)
I
I
I
I
P
P
P
P
4.7μF (475)
I
I
I
I
I
P
P
P
P
P
K
K
K
6.8uF (685)
P
P
10μF (106)
I
I
I
I
I
P
P
P
P
P
K
K
K
K
M
M
22μF (226)
I
I*
I*
I*
P
P
P
P
M
M
M
M
M
47μF (476)
I*
I*
I*
P*
P*
P*
M
M
M
M*
100μF (107)
I*
I*
P
M*
M*
M*
220μF (227)
P*
P*
M*
M*
X6S Dielectric 0201, 0402, 0603, 0805, 1206, 1210 Sizes
Dielectric
X6S
Size
0201
0402
0603
Rated Voltage (VDC)
6.3
10
16
25
6.3
10
16
25
4
6.3
10
16
25
0.10μF (104)
L
L
L
L
0.15μF (154)
0.22μF (224)
L
L*
0.33μF (334)
0.47μF (474)
E
0.68μF (684)
1.0μF (105)
L*
E
E
E
E
1.5μF (155)
2.2μF (225)
E
E
E
X
X
3.3μF (335)
4.7μF (475)
X
X
X
X
6.8uF (685)
10μF (106)
E*
X*
X*
X*
22μF (226)
X*
X*
47μF (476)
100μF (107)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com