Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1963GS Datasheet(PDF) 3 Page - Littelfuse

Part # CPC1963GS
Description  AC Power Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CPC1963GS Datasheet(HTML) 3 Page - Littelfuse

  CPC1963GS Datasheet HTML 1Page - Littelfuse CPC1963GS Datasheet HTML 2Page - Littelfuse CPC1963GS Datasheet HTML 3Page - Littelfuse CPC1963GS Datasheet HTML 4Page - Littelfuse CPC1963GS Datasheet HTML 5Page - Littelfuse CPC1963GS Datasheet HTML 6Page - Littelfuse CPC1963GS Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1963
www.ixysic.com
3
R08
PERFORMANCE DATA*
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
Typical LED Forward Voltage Drop
(I
F=5mA, TA=25ºC)
35
30
25
20
15
10
5
0
1.05
1.07
1.09
1.11
1.06
1.08
1.10
Output Voltage Drop (V
rms)
Typical On-State
Output Voltage Drop Distribution
(T
A=25ºC)
610
630
650
670
660
640
620
Blocking Voltage (V
P)
25
20
15
10
5
0
Typical Blocking Voltage Distribution
(T
A=25ºC)
0.22
0.24
0.26
0.21
0.23
0.25
0.27
LED Current (mA)
25
20
15
10
5
0
Typical I
F for Switch Operation
(T
A=25ºC)
Temperature (ºC)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
I
F = 20mA
I
F = 50mA
I
F = 5mA
I
F = 10mA
Typical LED Forward Voltage Drop
vs. Temperature
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
Typical I
F for Switch Operation
vs. Temperature
Temperature (ºC)
20 25 30 35 40 45 50 55 60 65 70 75 80 85 90
1.10
1.08
1.06
1.04
1.02
1.00
0.98
0.96
Temperature (ºC)
Typical Output V
ON vs. Temperature
20 25 30 35 40 45 50 55 60 65 70 75 80 85 90
*Unless otherwise noted, data presented in these graphs is typical of device operation at 25ºC.
For guaranteed parameters not indicated in the written specifications, please contact our application department.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com