Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2V9950AI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY2V9950AI
Description  2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2V9950AI Datasheet(HTML) 7 Page - Cypress Semiconductor

  CY2V9950AI Datasheet HTML 1Page - Cypress Semiconductor CY2V9950AI Datasheet HTML 2Page - Cypress Semiconductor CY2V9950AI Datasheet HTML 3Page - Cypress Semiconductor CY2V9950AI Datasheet HTML 4Page - Cypress Semiconductor CY2V9950AI Datasheet HTML 5Page - Cypress Semiconductor CY2V9950AI Datasheet HTML 6Page - Cypress Semiconductor CY2V9950AI Datasheet HTML 7Page - Cypress Semiconductor CY2V9950AI Datasheet HTML 8Page - Cypress Semiconductor CY2V9950AI Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CY2V9950
Document #: 38-07436 Rev. *A
Page 7 of 9
AC Test Loads and Waveforms
Ordering Information
Part Number
Package Type
Product Flow
CY2V9950AC
32 TQFP
Commercial, 0
° to 70°C
CY2V9950ACT
32 TQFP – Tape and Reel
Commercial, 0
° to 70°C
CY2V9950AI
32 TQFP
Industrial, –40
° to 85°C
CY2V9950AIT
32 TQFP – Tape and Reel
Industrial, –40
° to 85°C
Output
20pF
Output
20pF
150Ω
150Ω
VDDQ
For Lock Output
For All Other Outputs
Figure 1.
2.0V
0.8V
VTH =1.5V
t
PWL
t
PWH
t
ORISE
t
OFALL
3.3V LVTTL OUTPUT WAVEFORM
2.5V LVTTL OUTPUT WAVEFORM
1.7V
0.7V
VTH =1.25V
t
PWL
t
PWH
t
ORISE
t
OFALL
Figure 2. LVTTL Output Test Waveforms
2.0V
0.8V
VTH=1.5V
≤1ns
≤ 1ns
3.0V
0V
3.3VLVTTLINPUTTESTWAVEFORM
1.7V
0.7V
VTH=1.25V
≤1ns
≤1ns
2.5V
0V
2.5VLVTTLINPUTTESTWAVEFORM
Figure 3. LVTTL Input Test Waveforms



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com