Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP65H030G4PRS Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # TP65H030G4PRS
Description  650V SuperGaN® GaN FET in TOLT (source tab)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TP65H030G4PRS Datasheet(HTML) 1 Page - Renesas Technology Corp

  TP65H030G4PRS Datasheet HTML 1Page - Renesas Technology Corp TP65H030G4PRS Datasheet HTML 2Page - Renesas Technology Corp TP65H030G4PRS Datasheet HTML 3Page - Renesas Technology Corp TP65H030G4PRS Datasheet HTML 4Page - Renesas Technology Corp TP65H030G4PRS Datasheet HTML 5Page - Renesas Technology Corp TP65H030G4PRS Datasheet HTML 6Page - Renesas Technology Corp TP65H030G4PRS Datasheet HTML 7Page - Renesas Technology Corp TP65H030G4PRS Datasheet HTML 8Page - Renesas Technology Corp TP65H030G4PRS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Datasheet
TP65H030G4PRS
650V SuperGaN® GaN FET in TOLT (source tab)
R07DS1602EU0201 Rev.2.01
Dec 2, 2025
Page 1
© 2025 Renesas Electronics
Description
The TP65H030G4PRS 650V, 30mΩ Gallium Nitride
(GaN) FET is a normally-off device using Renesas’
Gen IV plus platform. It combines a state-of-the-art
high voltage GaN HEMT with a low voltage silicon
MOSFET to offer superior performance, standard
drive, ease of adoption and reliability.
The Gen IV plus SuperGaN® platform uses advanced
epi and patented design technologies to simplify
manufacturability while improving efficiency over
silicon via lower gate charge, output capacitance,
crossover loss, and reverse recovery charge.
Benefits
■
Superior normally off architecture with D-mode
GaN HEMT
■
Compatible with standard silicon drivers
■
Enhanced noise immunity with a 4V threshold
voltage with no negative gate drive required
■
Enables high-efficiency, high power density, and
reliable power conversion
■
Facilitates cost-effective GaN adoption reducing
system size, weight, and costs
Product and Schematic Diagrams
TP65H030G4PRS TOLT
Cascode Schematic Symbol
Cascode Device Structure
Features
■
Ultra-fast switching Gen IV plus GaN
■
JEDEC-qualified GaN technology
■
Dynamic RDS(on)eff production tested
■
Reduced crossover loss
■
Negligible Qrr
■
RoHS compliant and Halogen-free packaging
Applications
■
AI datacenter and
telecom power supplies
■
E-mobility charging
■
PV inverter
■
UPS
■
BESS
Specifications
VDS (V)
650
VDSS(TR)(V) maximum
800
RDS(on) (mΩ) maximum [1]
41
QOSS (nC) typical
135
QG (nC) typical
24.5
1.
Dynamic RDS(on) (see Figure 17 and Figure 18)


Similar Part No. - TP65H030G4PRS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TP65H030G4PQS RENESAS-TP65H030G4PQS Datasheet
920Kb / 13P
650V SuperGaN® GaN FET in TOLL (source tab)
Nov 25, 2025
TP65H030G4PWS RENESAS-TP65H030G4PWS Datasheet
940Kb / 13P
650V SuperGaN® GaN FET in TO-247-3 (source tab)
Nov 25, 2025
More results

Similar Description - TP65H030G4PRS

ManufacturerPart #DatasheetDescription
logo
Transphorm Inc
TP65H070G4LSG TRANSPHORM-TP65H070G4LSG Datasheet
1Mb / 12P
650V SuperGaN® GaN FET in PQFN (source tab)
August 24, 2023
TP65H070G4LSGB TRANSPHORM-TP65H070G4LSGB Datasheet
1Mb / 12P
650V SuperGaN® GaN FET in PQFN (source tab)
Nov. 7, 2023
TP65H070G4PS TRANSPHORM-TP65H070G4PS Datasheet
1Mb / 12P
650V SuperGaN® GaN FET in PQFN (source tab)
Dec. 4, 2023
TP65H070G4RS TRANSPHORM-TP65H070G4RS Datasheet
1Mb / 12P
650V SuperGaN® GaN FET in PQFN (source tab)
October 31, 2023
TP65H150BG4JSG TRANSPHORM-TP65H150BG4JSG Datasheet
988Kb / 12P
650V SuperGaN GaN FET in PQFN (source tab)
November 7, 2023
TP65H150G4LSGB TRANSPHORM-TP65H150G4LSGB Datasheet
1,019Kb / 12P
650V SuperGaN® GaN FET in PQFN (source tab)
August 31, 2023
TP65H150G4PS TRANSPHORM-TP65H150G4PS Datasheet
1Mb / 12P
650V SuperGaN® GaN FET in TO-220 (source tab)
August 22, 2023
TP65H300G4JSGB TRANSPHORM-TP65H300G4JSGB Datasheet
1,023Kb / 13P
650V SuperGaN® GaN FET in PQFN (source tab)
Apr. 12, 2023
TP65H300G4LSGB TRANSPHORM-TP65H300G4LSGB Datasheet
1Mb / 12P
650V SuperGaN® GaN FET in PQFN (source tab)
October 30, 2023
TP65H480G4JSG TRANSPHORM-TP65H480G4JSG Datasheet
1Mb / 12P
650V SuperGaN® GaN FET in PQFN (source tab)
September 12, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com