Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1302S Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1302S
Description  Trickle-Charge Timekeeping Chip
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1302S Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1302S Datasheet HTML 1Page - Dallas Semiconductor DS1302S Datasheet HTML 2Page - Dallas Semiconductor DS1302S Datasheet HTML 3Page - Dallas Semiconductor DS1302S Datasheet HTML 4Page - Dallas Semiconductor DS1302S Datasheet HTML 5Page - Dallas Semiconductor DS1302S Datasheet HTML 6Page - Dallas Semiconductor DS1302S Datasheet HTML 7Page - Dallas Semiconductor DS1302S Datasheet HTML 8Page - Dallas Semiconductor DS1302S Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DS1302 Trickle-Charge Timekeeping Chip
4 of 16
PIN DESCRIPTION
PIN
8
16
NAME
FUNCTION
1
1
VCC2
Primary Power-Supply Pin in Dual Supply Configuration. VCC1 is connected to a
backup source to maintain the time and date in the absence of primary power. The
DS1302 operates from the larger of VCC1 or VCC2. When VCC2 is greater than VCC1 +
0.2V, VCC2 powers the DS1302. When VCC2 is less than VCC1, VCC1 powers the
DS1302.
2
3
X1
3
5
X2
Connections for Standard 32.768kHz Quartz Crystal. The internal oscillator is
designed for operation with a crystal having a specified load capacitance of 6pF.
For more information on crystal selection and crystal layout considerations, refer to
Application Note 58: Crystal Considerations for Dallas Real-Time Clocks. The
DS1302 can also be driven by an external 32.768kHz oscillator. In this
configuration, the X1 pin is connected to the external oscillator signal and the X2 pin
is floated.
4
8
GND
Ground
5
9
CE
Input. CE signal must be asserted high during a read or a write. This pin has an
internal 40k
Ω (typ) pulldown resistor to ground. Note: Previous data sheet revisions
referred to CE as
RST. The functionality of the pin has not changed.
6
12
I/O
Input/Push-Pull Output. The I/O pin is the bidirectional data pin for the 3-wire
interface. This pin has an internal 40k
Ω (typ) pulldown resistor to ground.
7
14
SCLK
Input. SCLK is used to synchronize data movement on the serial interface. This pin
has an internal 40k
Ω (typ) pulldown resistor to ground.
8
16
VCC1
Low-Power Operation in Single Supply and Battery-Operated Systems and Low-
Power Battery Backup. In systems using the trickle charger, the rechargeable
energy source is connected to this pin. UL recognized to ensure against reverse
charging current when used with a lithium battery.
—
2, 4, 6,
7, 10,
11, 13,
15
N.C.
No Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com