Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1340 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS1340
Description  I2C RTC with Trickle Charger
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1340 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS1340_06 Datasheet HTML 6Page - Maxim Integrated Products DS1340_06 Datasheet HTML 7Page - Maxim Integrated Products DS1340_06 Datasheet HTML 8Page - Maxim Integrated Products DS1340_06 Datasheet HTML 9Page - Maxim Integrated Products DS1340_06 Datasheet HTML 10Page - Maxim Integrated Products DS1340_06 Datasheet HTML 11Page - Maxim Integrated Products DS1340_06 Datasheet HTML 12Page - Maxim Integrated Products DS1340_06 Datasheet HTML 13Page - Maxim Integrated Products DS1340_06 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Handling, PC Board
Layout, and Assembly
The DS1340C package contains a quartz tuning-fork
crystal. Pick-and-place equipment may be used, but
precautions should be taken to ensure that excessive
shocks are avoided. Exposure to reflow is limited to 2
times maximum. Ultrasonic cleaning should be avoided
to prevent damage to the crystal.
Avoid running signal traces under the package, unless
a ground plane is placed between the package and the
signal line. All N.C. (no connect) pins must be connect-
ed to ground.
The leaded 16-pin SO package may be reflowed as
long as the peak temperature does not exceed 240°C.
Peak reflow temperature (≥ 230°C) duration should not
exceed 10 seconds, and the total time above 200°C
should not exceed 40 seconds (30 seconds nominal).
The RoHS and lead-free/RoHS packages may be
reflowed using a reflow profile that complies with
JEDEC J-STD-020.
Moisture-sensitive packages are shipped from the facto-
ry dry-packed.Handling instructions listed on the pack-
age label must be followed to prevent damage during
reflow. Refer to the IPC/JEDEC J-STD-020 standard for
moisture-sensitive device (MSD) classifications.
I2C RTC with Trickle Charger
____________________________________________________________________
13
1
2
3
4
8
7
6
5
VCC
FT/OUT
SCL
SDA
VBACKUP
GND
X2
X1
TOP VIEW
DS1340
SO, µSOP
DS1340C
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
SCL
SDA
GND
VBACKUP
N.C.
N.C.
N.C.
N.C.
N.C.
SO (300 mils)
FT/OUT
VCC
N.C.
N.C.
N.C.
N.C.
N.C.
Pin Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com