Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1685 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1685
Description  3V/5V Real-Time Clocks
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1685 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1685 Datasheet HTML 1Page - Dallas Semiconductor DS1685 Datasheet HTML 2Page - Dallas Semiconductor DS1685 Datasheet HTML 3Page - Dallas Semiconductor DS1685 Datasheet HTML 4Page - Dallas Semiconductor DS1685 Datasheet HTML 5Page - Dallas Semiconductor DS1685 Datasheet HTML 6Page - Dallas Semiconductor DS1685 Datasheet HTML 7Page - Dallas Semiconductor DS1685 Datasheet HTML 8Page - Dallas Semiconductor DS1685 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
DS1685/DS1687 3V/5V Real-Time Clocks
2 of 39
ORDERING INFORMATION
PART*
TEMP RANGE
VOLTAGE
(V)
PIN-PACKAGE
TOP MARK*
DS1685-3
0°C to +70°C
3
24 DIP (0.600”)
DS1685-3
DS1685-3+
0°C to +70°C
3
24 DIP (0.600”)
DS1685-3
DS1685-5
0°C to +70°C
5
24 DIP (0.600”)
DS1685-5
DS1685-5+
0°C to +70°C
5
24 DIP (0.600”)
DS1685-5
DS1685-5IND
-40°C to +85°C
5
24 DIP (0.600”)
DS1685-5
DS1685-5IND+
-40°C to +85°C
5
24 DIP (0.600”)
DS1685-5
DS1685E-3
0°C to +70°C
3
24 TSSOP (0.173”)
DS1685E-3
DS1685E-3+
0°C to +70°C
3
24 TSSOP (0.173”)
DS1685E-3
DS1685E-5
0°C to +70°C
5
24 TSSOP (0.173”)
DS1685E
DS1685E-5+
0°C to +70°C
5
24 TSSOP (0.173”)
DS1685E
DS1685EN-3
-40°C to +85°C
3
24 TSSOP (0.173”)
DS1685E-3
DS1685EN-3+
-40°C to +85°C
3
24 TSSOP (0.173”)
DS1685E-3
DS1685EN-5
-40°C to +85°C
5
24 TSSOP (0.173”)
DS1685E
DS1685EN-5+
-40°C to +85°C
5
24 TSSOP (0.173”)
DS1685E
DS1685E-3/T&R
0°C to +70°C
3
24 TSSOP (0.173”)/Tape & Reel
DS1685E-3
DS1685E-3+T&R
0°C to +70°C
3
24 TSSOP (0.173”)/Tape & Reel
DS1685E-3
DS1685E-5/T&R
0°C to +70°C
5
24 TSSOP (0.173”)/Tape & Reel
DS1685E
DS1685E-5+T&R
0°C to +70°C
5
24 TSSOP (0.173”)/Tape & Reel
DS1685E
DS1685EN-3/T&R
-40°C to +85°C
3
24 TSSOP (0.173”)/Tape & Reel
DS1685E-3
DS1685EN-3+T&R
-40°C to +85°C
3
24 TSSOP (0.173”)/Tape & Reel
DS1685E-3
DS1685EN-5/T&R
-40°C to +85°C
5
24 TSSOP (0.173”) /T&R
DS1685E
DS1685EN-5+T&R
-40°C to +85°C
5
24 TSSOP (0.173”) /T&R
DS1685E
DS1685Q-3
0°C to +70°C
3
28 PLCC
DS1685Q-3
DS1685Q-3+
0°C to +70°C
3
28 PLCC
DS1685Q-3
DS1685Q-5
0°C to +70°C
5
28 PLCC
DS1685Q-5
DS1685Q-5+
0°C to +70°C
5
28 PLCC
DS1685Q-5
DS1685QN-3
-40°C to +85°C
3
28 PLCC
DS1685Q-3
DS1685QN-3+
-40°C to +85°C
3
28 PLCC
DS1685Q-3
DS1685QN-5
-40°C to +85°C
5
28 PLCC
DS1685Q-5
DS1685QN-5+
-40°C to +85°C
5
28 PLCC
DS1685Q-5
DS1685QN-5/T&R
-40°C to +85°C
5
28 PLCC/Tape & Reel
DS1685Q-5
DS1685Q-3/T&R
0°C to +70°C
3
28 PLCC/Tape & Reel
DS1685Q-3
DS1685Q-3+T&R
0°C to +70°C
3
28 PLCC/Tape & Reel
DS1685Q-3
DS1685Q-5/T&R
0°C to +70°C
5
28 PLCC/Tape & Reel
DS1685Q-5
DS1685Q-5+T&R
0°C to +70°C
5
28 PLCC/Tape & Reel
DS1685Q-5
DS1685S-3
0°C to +70°C
3
24 SO (0.300”)
DS1685S-3
DS1685S-3+
0°C to +70°C
3
24 SO (0.300”)
DS1685S-3
DS1685S-5
0°C to +70°C
5
24 SO (0.300”)
DS1685S-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com