Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1672U-2 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1672U-2
Description  I2C 32-Bit Binary Counter RTC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1672U-2 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1672U-2 Datasheet HTML 1Page - Maxim Integrated Products DS1672U-2 Datasheet HTML 2Page - Maxim Integrated Products DS1672U-2 Datasheet HTML 3Page - Maxim Integrated Products DS1672U-2 Datasheet HTML 4Page - Maxim Integrated Products DS1672U-2 Datasheet HTML 5Page - Maxim Integrated Products DS1672U-2 Datasheet HTML 6Page - Maxim Integrated Products DS1672U-2 Datasheet HTML 7Page - Maxim Integrated Products DS1672U-2 Datasheet HTML 8Page - Maxim Integrated Products DS1672U-2 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DS1672
2 of 15
ORDERING INFORMATION
PART
TEMP RANGE
VOLTAGE (V) PIN-PACKAGE
TOP MARK*
DS1672-2
-40°C to +85°C
2.0
8 DIP (300 mils)
DS1672-2
DS1672-3
-40°C to +85°C
3.0
8 DIP (300 mils)
DS1672-3
DS1672-33
-40°C to +85°C
3.3
8 DIP (300 mils)
DS1672-33
DS1672S-2
-40°C to +85°C
2.0
8 SO (150 mils)
DS1672-2
DS1672S-2+
-40°C to +85°C
2.0
8 SO (150 mils)
D1672-2
DS1672S-3
-40°C to +85°C
3.0
8 SO (150 mils)
DS1672-3
DS1672S-3+
-40°C to +85°C
3.0
8 SO (150 mils)
D1672-3
DS1672S-33
-40°C to +85°C
3.3
8 SO (150 mils)
DS167233
DS1672S-33+
-40°C to +85°C
3.3
8 SO (150 mils)
D167233
DS1672S-3/T&R
-40°C to +85°C
3.0
8 SO (150 mils)/Tape
and Reel
DS1672-3
DS1672S-3+T&R
-40°C to +85°C
3.0
8 SO (150 mils)/Tape
and Reel
D1672-3
DS1672S-33/T&R
-40°C to +85°C
3.3
8 SO (150 mils)/Tape
and Reel
DS167233
DS1672S-33+T&R
-40°C to +85°C
3.3
8 SO (150 mils)/Tape
and Reel
D167233
DS1672U-2
-40°C to +85°C
2.0
8
µSOP (3mm)
1672
rr -2
DS1672U-2+
-40°C to +85°C
2.0
8
µSOP (3mm)
1672
rr -2
DS1672U-3
-40°C to +85°C
3.0
8
µSOP (3mm)
1672
rr -3
DS1672U-3+
-40°C to +85°C
3.0
8
µSOP (3mm)
1672
rr -3
DS1672U-33
-40°C to +85°C
3.3
8
µSOP (3mm)
1672
rr -33
DS1672U-33+
-40°C to +85°C
3.3
8
µSOP (3mm)
1672
rr -33
DS1672U-33/T&R
-40°C to +85°C
3.3
8
µSOP (3mm)/Tape
and Reel
1672
rr -33
DS1672U-33+T&R
-40°C to +85°C
3.3
8
µSOP (3mm)/Tape
and Reel
1672
rr -33
+ Denotes a lead-free/RoHS-compliant device.
* A “+” anywhere on the top mark denotes a lead-free device. rr = 2-digit alphanumeric revision code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com