Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5372BSTZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD5372BSTZ
Description  32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5372BSTZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5372BSTZ Datasheet HTML 9Page - Analog Devices AD5372BSTZ Datasheet HTML 10Page - Analog Devices AD5372BSTZ Datasheet HTML 11Page - Analog Devices AD5372BSTZ Datasheet HTML 12Page - Analog Devices AD5372BSTZ Datasheet HTML 13Page - Analog Devices AD5372BSTZ Datasheet HTML 14Page - Analog Devices AD5372BSTZ Datasheet HTML 15Page - Analog Devices AD5372BSTZ Datasheet HTML 16Page - Analog Devices AD5372BSTZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD5372/AD5373
Rev. C | Page 13 of 28
0.50
0.45
0.40
0.35
0.30
0.25
–40
80
TEMPERATURE (°C)
–20
0
20
60
40
DVCC = +5.5V
DVCC = +3.6V
DVCC = +2.5V
VSS = –12V
VDD = +12V
VREFx = +3V
Figure 15. DICC vs. Temperature
13.5
13.0
12.5
12.0
11.5
–40
80
TEMPERATURE (°C)
–20
0
20
60
40
VSS = –12V
VDD = +12V
VREFx = +3V
ISS
IDD
Figure 16. IDD/ISS vs. Temperature
14
12
10
8
6
4
2
0
12.6
12.8
13.0
13.2
13.4
VSS = –15V
VDD = +15V
TA = 25°C
IDD (mA)
Figure 17. Typical IDD Distribution
14
12
10
8
6
4
2
0
0.30
0.35
0.40
0.45
0.50
DVCC = 5V
TA = 25°C
DICC (mA)
Figure 18. Typical DICC Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com