Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1689SN/T Datasheet(PDF) 32 Page - Dallas Semiconductor

Part # DS1689SN/T
Description  3V/5V Serialized Real-Time Clocks with NV RAM Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1689SN/T Datasheet(HTML) 32 Page - Dallas Semiconductor

Back Button DS1689SN/T Datasheet HTML 28Page - Dallas Semiconductor DS1689SN/T Datasheet HTML 29Page - Dallas Semiconductor DS1689SN/T Datasheet HTML 30Page - Dallas Semiconductor DS1689SN/T Datasheet HTML 31Page - Dallas Semiconductor DS1689SN/T Datasheet HTML 32Page - Dallas Semiconductor DS1689SN/T Datasheet HTML 33Page - Dallas Semiconductor DS1689SN/T Datasheet HTML 34Page - Dallas Semiconductor DS1689SN/T Datasheet HTML 35Page - Dallas Semiconductor DS1689SN/T Datasheet HTML 36Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
DS1689/DS1693
32 of 36
WAKE-UP/KICKSTART TIMING
(TA = +25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Kickstart Input Pulse Width
tKSPW
2
µs
Wake-Up/Kickstart Power-On Timeout
tPOTO
2
seconds
10
WAKE-UP/KICKSTART TIMING
NOTE: TIME INTERVALS SHOWN ABOVE ARE REFERENCED IN WAKE-UP/KICKSTART SECTION.
*THIS CONDITION CAN OCCUR WHEN THE DEVICE IS OPERATED IN 3V MODE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com