Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1206F104F4R0CT Datasheet(PDF) 10 Page - Multicomp Pro

Part # 1206F104F4R0CT
Description  General Purpose Multilayer Ceramic Capacitors 4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

1206F104F4R0CT Datasheet(HTML) 10 Page - Multicomp Pro

Back Button 1206F104F4R0CT Datasheet HTML 6Page - Multicomp Pro 1206F104F4R0CT Datasheet HTML 7Page - Multicomp Pro 1206F104F4R0CT Datasheet HTML 8Page - Multicomp Pro 1206F104F4R0CT Datasheet HTML 9Page - Multicomp Pro 1206F104F4R0CT Datasheet HTML 10Page - Multicomp Pro 1206F104F4R0CT Datasheet HTML 11Page - Multicomp Pro 1206F104F4R0CT Datasheet HTML 12Page - Multicomp Pro 1206F104F4R0CT Datasheet HTML 13Page - Multicomp Pro 1206F104F4R0CT Datasheet HTML 14Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Page <10>
V1.0
12/05/25
General Purpose Multilayer Ceramic Capacitors
4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Dielectric
X7R
Size
1206
1210
1812
Rated Voltage
(V DC)
6.3
10
16
25
35
50
100 6.3
10
16
25
35
50
100
10
16
25
50
100
0.22μF (224)
C
C
C
C
G
C
C
C
C
D
D
D
D
D
D
0.27μF (274)
C
C
C
D
G
C
C
C
C
G
D
D
D
D
D
0.33μF (334)
C
C
C
D
G
C
C
C
D
G
D
D
D
D
D
0.39μF (394)
C
C
J
P
G
C
C
C
D
M
D
D
D
D
D
0.47μF (474)
J
J
J
P
G
C
C
C
D
M
D
D
D
D
K
0.56μF (564)
J
J
J
P
P
D
D
D
D
M
D
D
D
D
K
0.68μF (684)
J
J
J
P
P
D
D
D
D
K
D
D
D
K
K
0.82μF (824)
J
J
J
P
P
D
D
D
D
K
D
D
D
K
K
1.0μF (105)
J
J
J
P
P
D
D
D
D
K
D
D
D
K
K
1.5μF (155)
J
J
P
P
G
G
M
M
D
D
D
K
K
2.2μF (225)
J
J
P
P
p
G
G
M
M
G
G
G
M
M
3.3μF (335)
P
P
P
P
G
G
M
K
K
K
K
4.7μF (475)
P
P
P
P
K
K
K
M
M
M
M
M
M
6.8μF (685)
M
M
M
M
10μF (106)
P
P
P
P
P
K
K
K
K
M
M
M
M
M
M
22μF (226)
P
P
P*
M
M
M
M
M
M
47μF (476)
M
M
100μF (107)
1. The letter in cell is expressed the symbol of product thickness.
2. The letter in cell with “ * ” mark is expressed product not in 10% (code “K”) tolerance.
Y5V Dielectric 0402, 0603, 0805 Sizes
Dielectric
Y5V
Size
0402
0603
0805
Rated Voltage (VDC) 6.3
10
16
25
50
6.3
10
16
25
50
6.3
10
16
25
50
100
0.01µF (103)
N
N
N
N
S
S
S
S
A
A
A
A
B
0.015µF (153)
N
N
N
N
S
S
S
S
A
A
A
A
B
0.022µF (223)
N
N
N
N
S
S
S
S
A
A
A
A
B
0.033µF (333)
N
N
N
N
S
S
S
S
A
A
A
A
B
0.047µF (473)
N
N
N
S
S
S
S
A
A
A
A
B
0.068µF (683)
N
N
N
S
S
S
S
A
A
A
A
B
0.10µF (104)
N
N
N
S
S
S
S
A
A
A
A
B
0.15µF (154)
N
N
S
S
S
S
A
A
A
A
0.22µF (224)
N
N
N
S
S
S
S
A
A
A
A
0.33µF (334)
N
N
N
S
S
S
X
B
B
B
B
0.47µF (474)
N
N
N
S
S
X
X
B
B
B
B
0.68µF (684)
N
S
X
X
B
B
D
D
1.0µF (105)
N
N
S
X
X
B
B
D
D
1.5µF (155)
S
D
D
2.2µF (225)
S
S
X
D
D
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com