Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1206S104F4R0CT Datasheet(PDF) 3 Page - Multicomp Pro

Part # 1206S104F4R0CT
Description  General Purpose Multilayer Ceramic Capacitors 4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

1206S104F4R0CT Datasheet(HTML) 3 Page - Multicomp Pro

  1206S104F4R0CT Datasheet HTML 1Page - Multicomp Pro 1206S104F4R0CT Datasheet HTML 2Page - Multicomp Pro 1206S104F4R0CT Datasheet HTML 3Page - Multicomp Pro 1206S104F4R0CT Datasheet HTML 4Page - Multicomp Pro 1206S104F4R0CT Datasheet HTML 5Page - Multicomp Pro 1206S104F4R0CT Datasheet HTML 6Page - Multicomp Pro 1206S104F4R0CT Datasheet HTML 7Page - Multicomp Pro 1206S104F4R0CT Datasheet HTML 8Page - Multicomp Pro 1206S104F4R0CT Datasheet HTML 9Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Page <3>
V1.0
12/05/25
General Purpose Multilayer Ceramic Capacitors
4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
General Electrical Data
Dielectric
NP0
X7R
Y5V
X5R
X6S
X7S
Size
0201, 0402, 0603, 0805, 1206, 1210, 1812
Capacitance
range*
0.1pF to 0.1μF
100pF to 47μF
0.01μF to
100μF
100pF to 220μF
0.1μF to 100μF
1μF to 100μF
Capacitance
tolerance**
Cap≤5pF#1:
A (±0.05pF),
B (±0.1pF),
C (±0.25pF)
5pF<Cap<10pF:
C (±0.25pF),
D (±0.5pF)
Cap≥10pF:
F (±1%), G (±2%),
J (±5%), K (±10%)
J (±5%),
K (±10%),
M (±20%)
M (±20%),
Z (-20/+80%)
K (±10%),
M (±20%)
K (±10%),
M (±20%)
K (±10%),
M (±20%)
Rated voltage
(WVDC)
10V, 16V, 25V,
50V,100V
6.3V, 10V, 16V, 25V, 50V, 100V
DF(Tan δ)*
Cap<30pF: Q≥400+20C
Cap≥30pF: Q≥1000
Note 1
Operating
temperature
-55 to +125°C
-25 to +85°C
-55°C to +85°C -55°C to +105°C -55°C to +125°C
Capacitance
Characteristic
±30ppm
±15%
+30/-80%
±15%
±22%
±22%
Termination
Ni/Sn (lead-free termination)
#1: NP0, 0.1pF product only provide B tolerance; 0603N0R3/0R4 provide B&C tolerance.
*Measured at the condition of 30~70% related humidity.
NP0: Apply 1.0±0.2Vrms, 1.0MHz±10% for Cap≤1000pF and 1.0±0.2Vrms, 1.0kHz±10% for Cap>1000pF, 25°C at ambient
temperature
X7R/X6S/X5R/X7S: Refer “Reliability test conditions and requirements” details.
Y5V: Apply 1.0±0.2Vrms, 1kHz±10%, at 20°C ambient temperature.
** Preconditioning for Class II MLCC: Perform a heat treatment at 150±10°C for 1 hour, then leave in ambient condition for
24±2 hours before measurement.
#1 : For 0603/Cap≧10μF or 0603/Cap≧4.7μF(≦6.3V) or 0603/Cap>1μF(>10V) products.
#2 : For 0201/Cap≧0.68μF products.
#3 : For 0201/Cap≧1μF products.
#4 : For 1210_100V: Cap > 1μF, 250V: Cap >0. 47μF, 400V~630V: Cap >0.22μF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com