Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX55C 12 Datasheet(PDF) 4 Page - Continental Device India Limited

Part # BZX55C 12
Description  SILIICON PLANAR ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BZX55C 12 Datasheet(HTML) 4 Page - Continental Device India Limited

  BZX55C 12 Datasheet HTML 1Page - Continental Device India Limited BZX55C 12 Datasheet HTML 2Page - Continental Device India Limited BZX55C 12 Datasheet HTML 3Page - Continental Device India Limited BZX55C 12 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Customer Notes
BZX55C
2.4V to 120V
500mW
DO-35
Glass Axial Package
BZX55C2V4_120V Rev_3 050604E
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited
for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so
as to confirm that the Device(s) meet functionality parameters for your application. The information furnished in the Data Sheet
and on the CDIL Web Site/CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for
inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application
or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are
not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual
Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or
applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s).
CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India.
Telephone + 91-11-2579 6150, 5141 1112 Fax + 91-11-2579 5290, 5141 1119
email@cdil.com
www.cdilsemi.com
Continental Device India Limited
Data Sheet
Page 4 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com