Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX55C39 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BZX55C39
Description  SILIICON PLANAR ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BZX55C39 Datasheet(HTML) 2 Page - Continental Device India Limited

  BZX55C39 Datasheet HTML 1Page - Continental Device India Limited BZX55C39 Datasheet HTML 2Page - Continental Device India Limited BZX55C39 Datasheet HTML 3Page - Continental Device India Limited BZX55C39 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SILIICON PLANAR ZENER DIODES
BZX55C
2.4V to 120V
500mW
DO- 35
Glass Axial Package
Forward Voltage @ IF=200mA (BZX55C 2.4V - 27V)
VF
Forward Voltage @ IF=200mA (BZX55C 30V - 120V)
VF
ELECTRICAL CHARACTERISTICS (Ta=25°C unless specified otherwise)
Device
VZT
rZT
IZT
rZK
IZK
Temp. Coeff
IR @
VR
@ IZT*
@ IZT*
@ IZK
of
Tamb
Zener Voltage
25°C
150°C
min
max
max
max
typ
max
max
(V)
(V)
(
Ω
Ω) (mA)
(
Ω
Ω)
(mA)
(%/°C)
(
µµA)
(
µµA)
(V)
BZX55C 15
13.80
15.60
30
5.0
110
1.0
+0.08
0.1
2.0
11
BZX55C 16
15.30
17.10
40
5.0
170
1.0
+0.08
0.1
2.0
12
BZX55C 18
16.80
19.10
50
5.0
170
1.0
+0.08
0.1
2.0
13
BZX55C 20
18.80
21.20
55
5.0
220
1.0
+0.08
0.1
2.0
15
BZX55C 22
20.80
23.30
55
5.0
220
1.0
+0.08
0.1
2.0
16
BZX55C 24
22.80
25.60
80
5.0
220
1.0
+0.08
0.1
2.0
18
BZX55C 27
25.10
28.90
80
5.0
220
1.0
+0.09
0.1
2.0
20
BZX55C 30
28.00
32.00
80
5.0
220
1.0
+0.09
0.1
2.0
22
BZX55C 33
31.00
35.00
80
5.0
220
1.0
+0.09
0.1
2.0
24
BZX55C 36
34.00
38.00
80
5.0
220
1.0
+0.09
0.1
2.0
27
BZX55C 39
37.00
41.00
90
2.5
500
0.5
+0.09
0.1
5.0
30
BZX55C 43
40.00
46.00
90
2.5
600
0.5
+0.09
0.1
5.0
33
BZX55C 47
44.00
50.00
110
2.5
700
0.5
+0.09
0.1
5.0
36
BZX55C 51
48.00
54.00
125
2.5
700
0.5
+0.09
0.1
10
39
BZX55C 56
52.00
60.00
135
2.5
1000
0.5
+0.09
0.1
10
43
BZX55C 62
58.00
66.00
150
2.5
1000
0.5
+0.09
0.1
10
47
BZX55C 68
64.00
72.00
200
2.5
1000
0.5
+0.09
0.1
10
51
BZX55C 75
70.00
80.00
250
2.5
1500
0.5
+0.09
0.1
10
56
BZX55C 82
77.00
87.00
300
2.5
2000
0.5
+0.09
0.1
10
62
BZX55C 91
85.00
96.00
450
1.0
5000
0.1
+0.09
0.1
10
68
BZX55C 100
94.00
106
450
1.0
5000
0.1
+0.09
0.1
10
75
BZX55C 110
104
116
600
1.0
5000
0.1
+0.09
0.1
10
82
BZX55C 120
114
127
800
1.0
5000
0.1
+0.09
0.1
10
91
BZX55C2V4_120V Rev_3 050604E
*Pulse Condition : 20ms < tp <50ms . Duty Cycle <2%
1.2
V
1.5
V
4.8
4.4
4.0
IZM
Tamb
50°C
max
(mA)
27
24
21
20
18
16
14
13
12
11
10
9.2
8.5
7.8
7.0
3.3
6.4
5.9
5.3
3.6
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com