Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX55C43 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BZX55C43
Description  SILIICON PLANAR ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BZX55C43 Datasheet(HTML) 1 Page - Continental Device India Limited

  BZX55C43 Datasheet HTML 1Page - Continental Device India Limited BZX55C43 Datasheet HTML 2Page - Continental Device India Limited BZX55C43 Datasheet HTML 3Page - Continental Device India Limited BZX55C43 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SILIICON PLANAR ZENER DIODES
BZX55C
2.4V to 120V
500mW
DO- 35
Glass Axial Package
Best suited for Industrial, Military and Space Applications. The glass passivated diode chip in the
hermetically sealed glass package with double studs provides excellent stability and reliability.
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
SYMBOL
PTA
PS
Tj
Tstg
Rth(j-a)
(1) On infinite heatsink with 4mm lead length.
Forward Voltage @ IF=200mA (BZX55C 2.4V - 27V)
VF
Forward Voltage @ IF=200mA (BZX55C 30V - 120V)
VF
ELECTRICAL CHARACTERISTICS (Ta=25°C unless specified otherwise)
Device
VZT
rZT
IZT
rZK
IZK
Temp. Coeff
IR @
VR
@ IZT*
@ IZT*
@ IZK
of
Tamb
Zener Voltage
25°C
150°C
min
max
max
max
typ
max
max
(V)
(V)
(
Ω
Ω) (mA)
(
Ω
Ω)
(mA)
(%/°C)
(
µµA)
(
µµA)
(V)
BZX55C 2V4
2.28
2.56
85
5.0
600
1.0
-0.07
50
100
1.0
BZX55C 2V7
2.50
2.90
85
5.0
600
1.0
-0.07
10
50
1.0
BZX55C 3V0
2.80
3.20
85
5.0
600
1.0
-0.07
4.0
40
1.0
BZX55C 3V3
3.10
3.50
85
5.0
600
1.0
-0.06
2.0
40
1.0
BZX55C 3V6
3.40
3.80
85
5.0
600
1.0
-0.06
2.0
40
1.0
BZX55C 3V9
3.70
4.10
85
5.0
600
1.0
-0.05
2.0
40
1.0
BZX55C 4V3
4.00
4.60
75
5.0
600
1.0
-0.03
1.0
20
1.0
BZX55C 4V7
4.40
5.00
60
5.0
600
1.0
-0.01
0.5
10
1.0
BZX55C 5V1
4.80
5.40
35
5.0
550
1.0
+0.01
0.1
2.0
1.0
BZX55C 5V6
5.20
6.00
25
5.0
450
1.0
+0.03
0.1
2.0
1.0
BZX55C 6V2
5.80
6.60
10
5.0
200
1.0
+0.04
0.1
2.0
2.0
BZX55C 6V8
6.40
7.20
8
5.0
150
1.0
+0.05
0.1
2.0
3.0
BZX55C 7V5
7.00
7.90
7
5.0
50
1.0
+0.05
0.1
2.0
5.0
BZX55C 8V2
7.70
8.70
7
5.0
50
1.0
+0.06
0.1
2.0
6.2
BZX55C 9V1
8.50
9.60
10
5.0
50
1.0
+0.06
0.1
2.0
6.8
BZX55C 10
9.40
10.60
15
5.0
70
1.0
+0.07
0.1
2.0
7.5
BZX55C 11
10.40
11.60
20
5.0
70
1.0
+0.07
0.1
2.0
8.2
BZX55C 12
11.40
12.70
20
5.0
90
1.0
+0.07
0.1
2.0
9.1
BZX55C 13
12.40
14.10
26
5.0
110
1.0
+0.07
0.1
2.0
10
BZX55C2V4_120V Rev_3 050604E
*Pulse Condition : 20ms < tp <50ms . Duty Cycle <2%
Thermal Resistance Junction to Ambient (1)
max
mW
W
°C
°C/mW
VALUE
500
5.0
175
0.3
- 65 to +175
UNIT
DESCRIPTION
1.2
1.5
V
V
Surge Power Dissipation Pulse Width=10 ms
Power Dissipation (1)
Junction Temperature
Storage Temperature
°C
IZM
Tamb
50°C
(mA)
155
135
125
115
105
95
90
85
80
70
64
58
53
47
43
40
36
32
29
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BZX55C43

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX55C43 VISHAY-BZX55C43 Datasheet
70Kb / 6P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
logo
Seme LAB
BZX55C43 SEME-LAB-BZX55C43 Datasheet
19Kb / 2P
VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS
logo
Diodes Incorporated
BZX55C43 DIODES-BZX55C43 Datasheet
168Kb / 3P
500mW ZENER DIODE
DS18013 Rev. 3 - 3
logo
EIC discrete Semiconduc...
BZX55C43 EIC-BZX55C43 Datasheet
28Kb / 2P
SILICON ZENER DIODES
logo
GOOD-ARK Electronics
BZX55C43 GOOD-ARK-BZX55C43 Datasheet
146Kb / 3P
SILICON PLANAR ZENER DIODES
More results

Similar Description - BZX55C43

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BZX83C CDIL-BZX83C Datasheet
223Kb / 4P
SILIICON PLANAR ZENER DIODES
BZM55C CDIL-BZM55C Datasheet
191Kb / 4P
SILIICON PLANAR ZENER DIODES
CMBZ5229B CDIL-CMBZ5229B Datasheet
108Kb / 4P
SILIICON PLANAR ZENER DIODES
CZMA3V9 CDIL-CZMA3V9 Datasheet
107Kb / 4P
SILIICON PLANAR ZENER DIODES
CZMK3V3 CDIL-CZMK3V3 Datasheet
218Kb / 4P
SILIICON PLANAR ZENER DIODES
CLL5227 CDIL-CLL5227 Datasheet
133Kb / 4P
SILIICON PLANAR ZENER DIODES
BZX55C2V4 CDIL-BZX55C2V4 Datasheet
104Kb / 4P
SILIICON PLANAR ZENER DIODES
BZV55C3V6 CDIL-BZV55C3V6 Datasheet
302Kb / 4P
SILIICON PLANAR ZENER DIODES
logo
New Jersey Semi-Conduct...
BZX83C NJSEMI-BZX83C Datasheet
132Kb / 2P
SILIICON PLANAR ZENER DIODES
logo
Continental Device Indi...
CZMA3V9-47V CDIL-CZMA3V9-47V Datasheet
203Kb / 4P
SILIICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com