Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4236. Datasheet(PDF) 1 Page - Multicomp Pro

Part # 2N4236.
Description  Bipolar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

2N4236. Datasheet(HTML) 1 Page - Multicomp Pro

  2N4236. Datasheet HTML 1Page - Multicomp Pro 2N4236. Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
16/09/19
Bipolar Transistor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Maximum Ratings:
Characteristic
Symbol
Rating
Unit
Collector - Emitter Voltage
VCEO
80
V
Collector - Base Voltage
IE
Emitter - Base Voltage
IC
7
Collector Current
1
A
Base Current
IB
200
mA
Total Device Dissipation (TC = +25°C)
Ptot
6
W
Total Device Dissipation(TA = +25°C)
1
Operating Junction Temperature
TJ
-65 to +200
°C
Storage Temperature Range
Tstg
Thermal Resistance, Junction-to-Case
RthJC
29
°C/W
Description:
A epitaxial silicon PNP planar transistor in a TO-39 type package designed for use as drivers for high power transistors in
general purpose amplifier and switching circuits.
Collector
3
2
Base
1
Emitter


Similar Part No. - 2N4236.

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N4236 BOCA-2N4236 Datasheet
196Kb / 5P
GENERAL PURPOSE TRANSISTOR (PNP SILICON)
logo
Central Semiconductor C...
2N4236 CENTRAL-2N4236 Datasheet
55Kb / 1P
Small Signal Transistors
logo
List of Unclassifed Man...
2N4236 ETC-2N4236 Datasheet
347Kb / 8P
Power Transistors
logo
Microsemi Corporation
2N4236 MICROSEMI-2N4236 Datasheet
56Kb / 2P
NPN POWER AMPLIFIER SILICON TRANSISTOR
logo
Seme LAB
2N4236 SEME-LAB-2N4236 Datasheet
15Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO39
More results

Similar Description - 2N4236.

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
Bipolar Transistor
May, 2013
EN2007C ONSEMI-EN2007C Datasheet
354Kb / 7P
Bipolar Transistor
August, 2013
EN2511B ONSEMI-EN2511B Datasheet
385Kb / 9P
Bipolar Transistor
September, 2013
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
Bipolar Transistor
September, 2013
EN6912D ONSEMI-EN6912D Datasheet
424Kb / 10P
Bipolar Transistor
September, 2013
EN6913B ONSEMI-EN6913B Datasheet
436Kb / 10P
Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
Bipolar Transistor
September, 2013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com