Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1210N104F4R0CT Datasheet(PDF) 21 Page - Multicomp Pro

Part # 1210N104F4R0CT
Description  General Purpose Multilayer Ceramic Capacitors 4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

1210N104F4R0CT Datasheet(HTML) 21 Page - Multicomp Pro

Back Button 1210N104F4R0CT Datasheet HTML 17Page - Multicomp Pro 1210N104F4R0CT Datasheet HTML 18Page - Multicomp Pro 1210N104F4R0CT Datasheet HTML 19Page - Multicomp Pro 1210N104F4R0CT Datasheet HTML 20Page - Multicomp Pro 1210N104F4R0CT Datasheet HTML 21Page - Multicomp Pro 1210N104F4R0CT Datasheet HTML 22Page - Multicomp Pro 1210N104F4R0CT Datasheet HTML 23Page - Multicomp Pro 1210N104F4R0CT Datasheet HTML 24Page - Multicomp Pro 1210N104F4R0CT Datasheet HTML 25Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Page <21>
V1.0
12/05/25
General Purpose Multilayer Ceramic Capacitors
4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
No
Item
Test Condition
Requirements
9
Solderability * Solder temperature: 235±5°C
* Dipping time: 2±0.5 sec.
95% min. coverage of all metalized area.
10 Bending Test
* The middle part of substrate shall be
pressurized by means of the
pressurizing rod at a rate of about
1mm per second until the deflection
becomes 1mm and then the pressure
shall be maintained for 5±1 sec.
*Before initial measurement (Class II
only):
To apply de-aging at 150°C for 1hr then
set for 24±2 hrs at room temp.
* Measurement to be made after
keeping at room temp. for 24±2 hrs.
* No remarkable damage.
* Cap change:
NP0: within ±5% or 0.5pF whichever is larger
X7R, X5R, X6S, X7S: within ±12.5%
(This capacitance change means the change of capacitance
under specified flexure of substrate from the capacitance
measured before the test.)
11
Resistance
to Soldering
Heat
* Solder temperature: 260±5°C
* Dipping time: 10±1sec
* Preheating: 120 to 150°C for 1 minute
before immerse the capacitor in a
eutectic solder.
*Before initial measurement (Class
II only): To apply de-aging at 150°C
for 1hr then set for 24±2 hrs at room
temp.
*Cap. / DF(Q) / I.R. Measurement to be
made after de-aging at 150°C for 1hr
then set for 24±2 hrs at room temp.
* No remarkable damage.
* Cap change:
NP0: within ±2.5% or 0.25pF whichever is larger
X7R, X5R, X6S, X7S: within ±7.5%
* Q/D.F., I.R. and dielectric strength: To meet initial require-
ments.
* 25% max. leaching on each edge.
12 Temperature
Cycle
* Conduct the five cycles according to
the temperatures and time.
Step
Temp. (°C)
Time
(min.)
1
Min. operating temp. +0/-3
30±3
2
Room temp.
2~3
3
Max. operating temp. +3/-0 30±3
4
Room temp.
2~3
*Before initial measurement (Class II
only): To apply de-aging at 150°C for
1hr then set for 24±2 hrs at room
temp.
* Cap. / DF(Q) / I.R. Measurement to
be made after de-aging at 150°C for
1hr then set for 24±2 hrs at room
temp.
* No remarkable damage.
* Cap change:
NP0: within ±2.5% or 0.25pF whichever is larger
X7R, X5R, X6S, X7S: within ±7.5%
Y5V: within ±20%
* Q/D.F., I.R. and dielectric strength: To meet initial require-
ments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com