Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1210S104F4R0CT Datasheet(PDF) 6 Page - Multicomp Pro

Part # 1210S104F4R0CT
Description  General Purpose Multilayer Ceramic Capacitors 4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

1210S104F4R0CT Datasheet(HTML) 6 Page - Multicomp Pro

Back Button 1210S104F4R0CT Datasheet HTML 2Page - Multicomp Pro 1210S104F4R0CT Datasheet HTML 3Page - Multicomp Pro 1210S104F4R0CT Datasheet HTML 4Page - Multicomp Pro 1210S104F4R0CT Datasheet HTML 5Page - Multicomp Pro 1210S104F4R0CT Datasheet HTML 6Page - Multicomp Pro 1210S104F4R0CT Datasheet HTML 7Page - Multicomp Pro 1210S104F4R0CT Datasheet HTML 8Page - Multicomp Pro 1210S104F4R0CT Datasheet HTML 9Page - Multicomp Pro 1210S104F4R0CT Datasheet HTML 10Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Page <6>
V1.0
12/05/25
General Purpose Multilayer Ceramic Capacitors
4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Dielectric
NP0
Size
1206
1210
1812
Rated Voltage
(V DC)
10
16
25
50
100
10
16
25
50
100
16
25
50
100
2.2pF (2R2)
B
B
B
B
B
2.7pF (2R7)
B
B
B
B
B
3.3pF (3R3)
B
B
B
B
B
3.9pF (3R9)
B
B
B
B
B
4.7pF (4R7)
B
B
B
B
B
5.6pF (5R6)
B
B
B
B
B
6.8pF (6R8)
B
B
B
B
B
8.2pF (8R2)
B
B
B
B
B
10pF (100)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
12pF (120)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
15pF (150)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
18pF (180)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
22pF (220)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
27pF (270)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
33pF (330)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
39pF (390)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
47pF (470)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
56pF (560)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
68pF (680)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
82pF (820)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
100pF (101)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
120pF (121)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
150pF (151)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
180pF (181)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
220pF (221)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
270pF (271)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
330pF (331)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
390pF (391)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
470pF (471)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
560pF (561)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
680pF (681)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
820pF (821)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
1,000pF (102)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
1,200pF (122)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
1,500pF (152)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
1,800pF (182)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
2,200pF (222)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
2,700pF (272)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
3,300pF (332)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
3,900pF (392)
B
B
B
B
B
C
C
C
C
C
D
D
D
D
4,700pF (472)
B
B
B
B
B
C
C
C
C
C
D
D
D
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com