Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT8693BSP Datasheet(PDF) 18 Page - Jiaxing Heroic Technology Co.,Ltd.

Part # HT8693BSP
Description  10W Anti-Clipping Mono Class D Audio Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT8693BSP Datasheet(HTML) 18 Page - Jiaxing Heroic Technology Co.,Ltd.

Back Button HT8693BSP Datasheet HTML 10Page - Jiaxing Heroic Technology Co.,Ltd. HT8693BSP Datasheet HTML 11Page - Jiaxing Heroic Technology Co.,Ltd. HT8693BSP Datasheet HTML 12Page - Jiaxing Heroic Technology Co.,Ltd. HT8693BSP Datasheet HTML 13Page - Jiaxing Heroic Technology Co.,Ltd. HT8693BSP Datasheet HTML 14Page - Jiaxing Heroic Technology Co.,Ltd. HT8693BSP Datasheet HTML 15Page - Jiaxing Heroic Technology Co.,Ltd. HT8693BSP Datasheet HTML 16Page - Jiaxing Heroic Technology Co.,Ltd. HT8693BSP Datasheet HTML 17Page - Jiaxing Heroic Technology Co.,Ltd. HT8693BSP Datasheet HTML 18Page - Jiaxing Heroic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
HT8693
单声道音频功放
版权所有
©2016, 嘉兴禾润电子科技有限公司
-18-
08/2016 – V1.02
IMPORTANT NOTICE
注意
Jiaxing Heroic Electronic Technology Co., Ltd (HT) reserves the right to make corrections, modifications, enhancements,
improvements, and other changes to its products and services at any time and to discontinue any products or services
without notice. Customers should obtain the latest relevant information before placing orders and should verify that such
information is current and complete.
嘉兴禾润电子科技有限公司(以下简称
HT)保留对产品、服务、文档的任何修改、更正、提高、改善和其他改变,或停止
提供任何产品和服务,并不提供任何通知的权利。客户在下单和生产前应确保所得到的信息是最新、最完整的。
HT assumes no liability for applications assistance or customer product design. Customers are responsible for their
products and applications using HT components.
HT对相关应用的说明和协助以及客户产品的板级设计不承担任何责任。
HT products are not authorized for use in safety-critical applications (such as life support devices or systems) where a
failure of the HT product would reasonably be expected to affect the safety or effectiveness of that devices or systems.
HT的产品并未授权用于诸如生命维持设备等安全性极高的应用中。
The information included herein is believed to be accurate and reliable. However, HT assumes no responsibility for its
use; nor for any infringement of patents or other rights of third parties which may result from its use.
本文中的相关信息是精确和可靠的,但
HT并不对其负责,也不对任何可能的专利和第三方权利的侵害负责。
Following are URLs and contacts where you can obtain information or supports on any HT products and application
solutions:
下面是可以联系到我公司的相关联系方式:
嘉兴禾润电子科技有限公司
Jiaxing Heroic Electronic Technology Co., Ltd.
地址
:
浙江省嘉兴市凌公塘路
3339号JRC大厦A座三层
Add:
A 3rd floor, JRC Building, No. 3339, LingGongTang Road, Jiaxing, Zhejiang Province
销售
/Sales:
0573-82583866
支持
/Support:
0573-82586151
传真
/Fax:
0573-82585078
E-mail:
sales@heroic.com.cn
网址
/Website:
www.heroic.com.cn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com