Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9921 Datasheet(PDF) 9 Page - Analog Devices

Part # MAX9921
Description  Dual, 2-Wire Hall-Effect Sensor Interface with Diagnostics
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9921 Datasheet(HTML) 9 Page - Analog Devices

Back Button MAX9921 Datasheet HTML 5Page - Analog Devices MAX9921 Datasheet HTML 6Page - Analog Devices MAX9921 Datasheet HTML 7Page - Analog Devices MAX9921 Datasheet HTML 8Page - Analog Devices MAX9921 Datasheet HTML 9Page - Analog Devices MAX9921 Datasheet HTML 10Page - Analog Devices MAX9921 Datasheet HTML 11Page - Analog Devices MAX9921 Datasheet HTML 12Page - Analog Devices MAX9921 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Dual, 2-Wire Hall-Effect Sensor Interface
with Diagnostics
_______________________________________________________________________________________
9
Pin Description
PIN
NAME
FUNCTION
1
BAT
Battery Power Supply. Connect BAT to the positive supply through an external reverse-polarity diode. Bypass BAT
to ground with a 0.1µF capacitor.
2
ISET
Current-Setting Input. Connect a 63.4k
Ω, 1% resistor (RISET) between BAT and ISET to set the standard current
thresholds for Hall current sensing. Make no other connections to ISET. All routing must have low parasitic
capacitance.
3
IN1
Hall-Effect Sensor Input 1. Bypass IN1 to BAT or GND with a 0.01µF capacitor. Terminate an unused input with a
1.5k
Ω resistor from IN1 to GND to prevent false error diagnostics.
4
IN2
Hall-Effect Sensor Input 2. Bypass IN2 to BAT or GND with a 0.01µF capacitor. Terminate an unused input with a
1.5k
Ω resistor from IN2 to GND to prevent false error diagnostics.
5
GND
Ground
6
OUT2
Open-Drain Output Signal 2. OUT2 is the signal translated from Hall Sensor 2. Connect a 10k
Ω or larger pullup
resistor to logic supply.
7
OUT1
Open-Drain Output Signal 1. OUT1 is the signal translated from Hall Sensor 1. Connect a 10k
Ω or larger pullup
resistor to logic supply.
8
ERR
Open-Drain Diagnostic and Error Output. Connect a 10k
Ω or larger pullup resistor to logic supply. If DIAG is
asserted low, a high on ERR indicates that there is no fault while a low on ERR indicates that either the battery
voltage is out of range or there is a fault condition. If DIAG is high, ERR provides diagnostic information in
conjunction with OUT1 and OUT2. See Tables 1 and 2. If OE is low or while in shutdown, ERR is high impedance.
9OE
Output Enable Input. OE has an internal 80k
Ω resistor to GND. Drive OE high to enable the outputs ERR, OUT1,
and OUT2. Drive OE low to place the outputs in high impedance. If OE and DIAG are both low for more than 40µs,
the device enters shutdown and all outputs are in high impedance. While in shutdown, if either OE or DIAG
transitions low to high, the device exits shutdown mode.
10
DIAG
Diagnostic Enable Input. DIAG has an internal 80k
Ω resistor to GND. Drive DIAG low for normal operation. In this
mode, ERR, OUT1, and OUT2 provide Hall sensor information. Drive DIAG high for diagnostic operation. A high-to-
low transition initiates an attempt to restart, with a blanking cycle any Hall input that has been shut down. See
Tables 1 and 2 (diagnostic truth tables). If OE and DIAG are both low for more than 40µs, the device enters
shutdown mode with all outputs in high impedance. While in the shutdown mode, if either OE or DIAG transitions
low to high, the device exits shutdown mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com