Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ28164GD Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MPQ28164GD
Description  High-Efficiency, Single-Inductor, Buck-Boost Converter with 4.2A Switches
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ28164GD Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MPQ28164GD Datasheet HTML 9Page - Monolithic Power Systems MPQ28164GD Datasheet HTML 10Page - Monolithic Power Systems MPQ28164GD Datasheet HTML 11Page - Monolithic Power Systems MPQ28164GD Datasheet HTML 12Page - Monolithic Power Systems MPQ28164GD Datasheet HTML 13Page - Monolithic Power Systems MPQ28164GD Datasheet HTML 14Page - Monolithic Power Systems MPQ28164GD Datasheet HTML 15Page - Monolithic Power Systems MPQ28164GD Datasheet HTML 16Page - Monolithic Power Systems MPQ28164GD Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
MPQ28164 – SINGLE-INDUCTOR, BUCK-BOOST CONVERTER W/ 4.2A SWITCHES
MPQ28164 Rev. 1.0
www.MonolithicPower.com
13
11/13/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
OPERATION
The MPQ28164 is a high-efficiency, dual-mode,
buck-boost converter that provides an output
voltage above, equal to, or below the input
voltage. The output voltage is sensed via FB
through an external resistor divider from the
output
to
ground.
The
voltage
difference
between FB and the internal reference is
amplified by the error amplifier to generate a
control signal (VC-Buck). By comparing VC-Buck
with the internal current ramp signal (the
sensed SWA’s current with slope compensation)
through the buck comparator, a pulse-width
modulation (PWM) control signal for the buck
leg (SWA, SWB) is generated.
Another control signal (VC-Boost) is derived from
VC-Buck through the level shift. Similarly, VC-Boost
is compared with the same ramp signal through
the boost comparator and generates a PWM
control signal for the boost leg (SWC, SWD).
The
switch
topology
for
the
buck-boost
converter is shown in Figure 2.
SWA
SWB
SWC
SW1
SW2
SWD
VIN
VOUT
MPQ28164
Figure 2: Buck-Boost Switch Topology
Buck Region (VIN > VOUT)
When the input voltage is significantly higher
than the output voltage, the converter can
deliver
energy
to
the
load
within
SWA’s
maximum duty cycle by switching SWA and
SWB. The converter operates in buck mode. In
this condition, SWD remains on and SWC
remains off. VC-Buck is compared with the current
ramp signal normally and generates a PWM
output. Therefore, SWA/SWB are pulse-width
modulated to produce the required duty cycle
and eventually support the output voltage.
Buck-Boost Region (VIN
≈ VOUT)
When VIN is close to VOUT, the converter is
unable to provide enough energy to the load
due to SWA’s maximum duty cycle, so the
current ramp signal cannot trigger VC-Buck in the
first period, and SWA remains on with 100%
duty cycle. If SWB is not turned on in the first
period, boost begins working in the secondary
period (SWC switches in the secondary period),
and an offset voltage is added to the current
ramp signal to allow it to reach VC-Buck. SWC
turns
off
when
the
current
ramp
signal
intersects with VC-Boost in the secondary period,
and SWD conducts the inductor current when
SWC is off. This is called boost operation.
SWA turns off when the current ramp signal
intersects with VC-Buck in the secondary period,
and SWB turns on to conduct the inductor
current after SWA turns off. This is called buck
operation.
If SWB turns on in the secondary period, the
boost operation (SWC on) is disabled in the
following cycle. If SWA continues to conduct
with 100% duty in the secondary cycle, the
boost operation is also enabled in the following
duty cycle. SWA/SWB and SWC/SWD switch
during this condition simultaneously. This is
called buck-boost mode.
Boost Region (VIN < VOUT)
When the input voltage is significantly lower
than the output voltage, the control voltage (VC-
Buck)
is always higher than the current ramp
signal. The offset voltage is added to the
current signal, so SWB cannot turn on in all
cycles. The boost operation (SWC on) is
enabled in every cycle based on the logic, so
only SWC and SWD switch. This is called boost
mode. In this condition, SWC/SWD are pulse-
width modulated to produce the required duty
cycle
and
eventually
support
the
output
regulation voltage.
Under-Voltage Lockout (UVLO)
Under-voltage
lockout
(UVLO)
is
used
to
protect
the
device
from
operating
at
an
insufficient supply voltage. The MPQ28164
’s
UVLO circuit monitors the VCC voltage. During
start-up, VIN must rise higher than VIN-UVLO-R to
support enough VCC voltage and enable the IC.
After the IC is enabled, VCC is powered by VIN
or VOUT (depending on which is higher), so the
IC can work, even if VIN drops to 1.2V, unless
VCC drops to the VCC-UVLO-F threshold.
During start-up, if VCC has a bias voltage from
another power supply, the MPQ28164 can work
with 1.2V of input power. If VIN is much lower
than 1.2V, the SWA RDS(ON) is high, and the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com