Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCP02-150B1RL Datasheet(PDF) 8 Page - STMicroelectronics

Part # LCP02-150B1RL
Description  PROTECTION IC FOR RINGING SLICS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP02-150B1RL Datasheet(HTML) 8 Page - STMicroelectronics

  LCP02-150B1RL Datasheet HTML 1Page - STMicroelectronics LCP02-150B1RL Datasheet HTML 2Page - STMicroelectronics LCP02-150B1RL Datasheet HTML 3Page - STMicroelectronics LCP02-150B1RL Datasheet HTML 4Page - STMicroelectronics LCP02-150B1RL Datasheet HTML 5Page - STMicroelectronics LCP02-150B1RL Datasheet HTML 6Page - STMicroelectronics LCP02-150B1RL Datasheet HTML 7Page - STMicroelectronics LCP02-150B1RL Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LCP02-150B1
8/8
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2000 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia
Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com
L
K
D
A1
E1
A
A2
b
8
4
1
5
e
C
E
PACKAGE MECHANICAL DATA
SO-8 Wide Plastic
REF.
DIMENSIONS
Millimetres
Inches
Min.
Typ. Max. Min.
Typ. Max.
A
2.50
0.099
A1
0.25
0.010
A2
1.51
2.00 0.059
0.079
b
0.35
0.40
0.51 0.013 0.016 0.020
c
0.10
0.20
0.35 0.003 0.008 0.014
D
6.05
0.239
E
5.02
6.22 0.197
0.245
E1
7.62
8.89
0.30
0.35
e
1.27
0.05
K
10°
L
0.50
0.80 0.019
0.032
Ordering Type
Marking
Package
Weight
Base qty
Delivery mode
LCP02-150B1
LCP02
SO-8-Wide
0.13g
90
Tube
LCP02-150B1RL
1500
Tape & Reel
ORDER CODE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com