Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV5424-R-00A Datasheet(PDF) 33 Page - Monolithic Power Systems

Part # EV5424-R-00A
Description  5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV5424-R-00A Datasheet(HTML) 33 Page - Monolithic Power Systems

Back Button EV5424-R-00A Datasheet HTML 29Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 30Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 31Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 32Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 33Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 34Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 35Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 36Page - Monolithic Power Systems EV5424-R-00A Datasheet HTML 37Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
MP5424
– 5V POWER MANAGEMENT IC WITH I2C AND MTP
MP5424 Rev. 1.0
MonolithicPower.com
33
12/6/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
D[7:0]
VREF (mV)
D[7:0]
VREF (mV)
D[7:0]
VREF (mV)
00011000
700
01101110
1775
11000100
2850
00011001
712.5
01101111
1787.5
11000101
2862.5
00011010
725
01110000
1800
11000110
2875
00011011
737.5
01110001
1812.5
11000111
2887.5
00011100
750
01110010
1825
11001000
2900
00011101
762.5
01110011
1837.5
11001001
2912.5
00011110
775
01110100
1850
11001010
2925
00011111
787.5
01110101
1862.5
11001011
2937.5
00100000
800
01110110
1875
11001100
2950
00100001
812.5
01110111
1887.5
11001101
2962.5
00100010
825
01111000
1900
11001110
2975
00100011
837.5
01111001
1912.5
11001111
2987.5
00100100
850
01111010
1925
11010000
3000
00100101
862.5
01111011
1937.5
11010001
3012.5
00100110
875
01111100
1950
11010010
3025
00100111
887.5
01111101
1962.5
11010011
3037.5
00101000
900
01111110
1975
11010100
3050
00101001
912.5
01111111
1987.5
11010101
3062.5
00101010
925
10000000
2000
11010110
3075
00101011
937.5
10000001
2012.5
11010111
3087.5
00101100
950
10000010
2025
11011000
3100
00101101
962.5
10000011
2037.5
11011001
3112.5
00101110
975
10000100
2050
11011010
3125
00101111
987.5
10000101
2062.5
11011011
3137.5
00110000
1000
10000110
2075
11011100
3150
00110001
1012.5
10000111
2087.5
11011101
3162.5
00110010
1025
10001000
2100
11011110
3175
00110011
1037.5
10001001
2112.5
11011111
3187.5
00110100
1050
10001010
2125
11100000
3200
00110101
1062.5
10001011
2137.5
11100001
3212.5
00110110
1075
10001100
2150
11100010
3225
00110111
1087.5
10001101
2162.5
11100011
3237.5
00111000
1100
10001110
2175
11100100
3250
00111001
1112.5
10001111
2187.5
11100101
3262.5
00111010
1125
10010000
2200
11100110
3275
00111011
1137.5
10010001
2212.5
11100111
3287.5
00111100
1150
10010010
2225
11101000
3300
00111101
1162.5
10010011
2237.5
11101001
3312.5
00111110
1175
10010100
2250
11101010
3325



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com