Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFSW157KT Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NFSW157KT
Description  SPECIFICATIONS FOR WHITE LED
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSW157KT Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NFSW157KT Datasheet HTML 1Page - NICHIA CORPORATION NFSW157KT Datasheet HTML 2Page - NICHIA CORPORATION NFSW157KT Datasheet HTML 3Page - NICHIA CORPORATION NFSW157KT Datasheet HTML 4Page - NICHIA CORPORATION NFSW157KT Datasheet HTML 5Page - NICHIA CORPORATION NFSW157KT Datasheet HTML 6Page - NICHIA CORPORATION NFSW157KT Datasheet HTML 7Page - NICHIA CORPORATION NFSW157KT Datasheet HTML 8Page - NICHIA CORPORATION NFSW157KT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
NICHIA STS-DA1-5986A <Cat.No.200409>
1
SPECIFICATIONS
(1) Absolute Maximum Ratings
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
200
mA
Pulse Forward Current
IFP
400
mA
ESD Withstand Voltage (HBM)
VESD
8
kV
Allowable Reverse Current
IR
85
mA
Power Dissipation
PD
642
mW
Operating Temperature
Topr
-40~100
°C
Storage Temperature
Tstg
-40~100
°C
Junction Temperature
TJ
125
°C
* Absolute Maximum Ratings at TS=25°C.
* IFP conditions with pulse width ≤10ms and duty cycle ≤10%.
* HBM ESD Component Classification Level of the LEDs: Class 3B
For more details, see ANSI/ESDA/JEDEC JS-001.
(2) Initial Electrical/Optical Characteristics
Item
Symbol
Condition
Typ
Max
Unit
Forward Voltage
VF
IF=80mA
2.9
-
V
Luminous Flux
Φv
IF=80mA
37.1
-
lm
Luminous Intensity
Iv
IF=80mA
12.1
-
cd
Chromaticity Coordinate
x
-
IF=80mA
0.290
-
-
y
IF=80mA
0.275
-
Thermal Resistance
RθJS
-
16
23
°C/W
* Characteristics at TS=25°C.
* Luminous Flux value as per CIE 127:2007 standard.
* Chromaticity Coordinates as per CIE 1931 Chromaticity Chart.
* RθJS is the thermal resistance from the junction to the TS measurement point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com