Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCP150S Datasheet(PDF) 4 Page - STMicroelectronics

Part # LCP150S
Description  PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP150S Datasheet(HTML) 4 Page - STMicroelectronics

  LCP150S Datasheet HTML 1Page - STMicroelectronics LCP150S Datasheet HTML 2Page - STMicroelectronics LCP150S Datasheet HTML 3Page - STMicroelectronics LCP150S Datasheet HTML 4Page - STMicroelectronics LCP150S Datasheet HTML 5Page - STMicroelectronics LCP150S Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FUNCTIONAL HOLDING CURRENT (IH) TEST CIRCUIT = GO - NOGO TEST.
R
-Vpp
Vbat = - 48V
Ipp = 10A,10/1000 s
VSGL
This is a GO-NOGO Test which allows to confirm the holding current (IH) level in a functional
test circuit.
This test can be performedif the reference test circuit can’t be implemented.
TEST PROCEDURE :
1) Adjust the current level at the IH value by short circuiting the AK of the D.U.T.
2) Fire the D.U.T with a surge Current : Ipp = 10A , 10/1000
µs.
3) The D.U.T will come back to the OFF-State within a duration of 50 ms max.
The VSGL is measured just before firing
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
0
5
10
15
20
25
30
I
(A)
TSM
t(s)
Tj initial = 25
°C
Fig. 1 : Surge peak current versus overload
duration (typical values).
®
LCP150S
4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com