Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCP1511D Datasheet(PDF) 2 Page - STMicroelectronics

Part # LCP1511D
Description  PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP1511D Datasheet(HTML) 2 Page - STMicroelectronics

  LCP1511D Datasheet HTML 1Page - STMicroelectronics LCP1511D Datasheet HTML 2Page - STMicroelectronics LCP1511D Datasheet HTML 3Page - STMicroelectronics LCP1511D Datasheet HTML 4Page - STMicroelectronics LCP1511D Datasheet HTML 5Page - STMicroelectronics LCP1511D Datasheet HTML 6Page - STMicroelectronics LCP1511D Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Symbol
Parameter
Value
Unit
IPP
Peak pulse current
(see note 1)
10/1000
µs
5/310
µs
2/10
µs
30
38
170
A
ITSM
Non repetitive surge peak on-state current
(F = 50Hz)
tp = 10ms
t= 1s
8
3.5
A
IGSM
Maximum gate current (half sine wave tp = 10ms)
2
A
VMLG
VMGL
Maximum voltage LINE / GROUND
Maximum voltage GATE / LINE
-100
-80
V
Tstg
Tj
Storage temperature range
Maximum junction temperature
- 55 to + 150
150
°C
TL
Maximum lead temperature for soldering during 10s
260
°C
ABSOLUTE MAXIMUM RATINGS (Tamb =25
°C)
Note 1 : Pulse waveform :
10/1000
µstr=10µstp=1000µs
5/310
µstr=5µstp=310µs
2/10
µstr=2µstp=10µs
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction to ambient
170
°C/W
THERMAL RESISTANCE
Symbol
Parameter
IGT
Gate triggering current
IH
Holding current
IRM
Reverse leakage current LINE/GND
IRG
Reverse leakage current GATE/LINE
VRM
Reverse voltage LINE/GND
VF
Forward drop voltage LINE/GND
VGT
Gate triggering voltage
VFP
Peak forward voltage LINE/GND
VDGL
Dynamic switching voltage GATE/LINE
VGATE
GATE/GND voltage
VLG
LINE/GND voltage
C
Off-state capacitance LINE/GND
ELECTRICAL CHARACTERISTICS (Tamb =25
°C)
I
IH
IPP
V
GATE
V
F
IRM
VLG
V
RM
IF
100
50
%I
PP
t
t
r
p
0
t
LCP1511D
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com