Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT232BM Datasheet(PDF) 13 Page - Future Technology Devices International Ltd.

Part # FT232BM
Description  Dual USB UART / FIFO I.C.
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232BM Datasheet(HTML) 13 Page - Future Technology Devices International Ltd.

Back Button FT232BM Datasheet HTML 9Page - Future Technology Devices International Ltd. FT232BM Datasheet HTML 10Page - Future Technology Devices International Ltd. FT232BM Datasheet HTML 11Page - Future Technology Devices International Ltd. FT232BM Datasheet HTML 12Page - Future Technology Devices International Ltd. FT232BM Datasheet HTML 13Page - Future Technology Devices International Ltd. FT232BM Datasheet HTML 14Page - Future Technology Devices International Ltd. FT232BM Datasheet HTML 15Page - Future Technology Devices International Ltd. FT232BM Datasheet HTML 16Page - Future Technology Devices International Ltd. FT232BM Datasheet HTML 17Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
DS2232C Version 1.2
© Future Technology Devices International Ltd. 2004
Page 13 of 54
FT2232C Dual USB UART / FIFO I.C.
Channel B
Pin#
Generic
Pin
Name
Pin Definitions by Chip Mode **Note 2
232 UART
Mode
245 FIFO
Mode
CPU FIFO
Interface
Mode
Enhanced
Asynchronous
and
Synchronous
Bit-Bang Modes
MPSSE
**Note 4
MCU
Host Bus
Emulation
Mode
**Note 5
Fast
Opto-
Isolated
Serial
Mode
40
BDBUS0 TXD
D0
D0
D0
AD8
FSDI
39
BDBUS1 RXD
D1
D1
D1
AD9
FSCLK
38
BDBUS2 RTS#
D2
D2
D2
AD10
FSDO
37
BDBUS3 CTS#
D3
D3
D3
AD11
FSCTS
36
BDBUS4 DTR#
D4
D4
D4
AD12
**Note 3
35
BDBUS5 DSR#
D5
D5
D5
AD13
33
BDBUS6 DCD#
D6
D6
D6
AD14
32
BDBUS7 RI#
D7
D7
D7
AD15
30
BCBUS0 TXDEN
RXF#
CS#
WR#
**Note 9
CS#
29
BCBUS1 SLEEP#
TXE#
A0
RD#
**Note 9
ALE
28
BCBUS2 RXLED#
RD#
RD#
WR#
**Note 7
RD#
27
BCBUS3 TXLED#
WR
WR#
RD#
**Note 7
WR#
26
SI/WUB
SI/WUB
SI/WUB
**Note 8
SI/WUB
**Note 8
**Note 8
SI/WUB
**Note 2 : 232 UART, 245 FIFO, CPU FIFO Interface, and Fast Opto-Isolated modes are enabled in the external
EEPROM. Enhanced Asynchronous and Synchronous Bit-Bang modes, MPSSE, and MCU Host Bus Emulation
modes are enabled using the driver command set bit mode. See Section 5.2 for details.
**Note 3 : Channel A can be configured in another IO mode if channel B is in Fast Opto-Isolated Serial Mode. If both
Channel A and Channel B are in Fast Opto-Isolated Serial Mode all of the IO will be on Channel B.
**Note 4 : MPSSE is Channel A only.
**Note 5 : MCU Host Bus Emulation requires both Channels.
**Note 6 : The Bit-Bang Mode (synchronous and asynchronous) WR# and RD# strobes are on these pins when the
main Channel mode is 245 FIFO, CPU FIFO interface, or Fast Opto-Isolated Serial Modes.
**Note 7 : The Bit-Bang Mode (synchronous and asynchronous) WR# and RD# strobes are on these pins when the
main Channel mode is 232 UART Mode.
**Note 8 : SI/WU is not available in these modes.
**Note 9 : The Bit-Bang Mode (synchronous and asynchronous) WR# and RD# strobes are on these pins when the
main Channel mode is 245 FIFO, CPU FIFO interface. Bit-Bang mode is not available on Channel B when Fast Opto-
Isolated Serial Mode is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com