Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS8050 Datasheet(PDF) 3 Page - ON Semiconductor

Part # SS8050
Description  NPN Epitaxial Silicon Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS8050 Datasheet(HTML) 3 Page - ON Semiconductor

  SS8050 Datasheet HTML 1Page - ON Semiconductor SS8050 Datasheet HTML 2Page - ON Semiconductor SS8050 Datasheet HTML 3Page - ON Semiconductor SS8050 Datasheet HTML 4Page - ON Semiconductor SS8050 Datasheet HTML 5Page - ON Semiconductor SS8050 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SS8050
www.onsemi.com
3
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 1. Static Characteristic
Figure 2. DC Current Gain
Figure 3. Base−Emitter Saturation Voltage and
Collector−Emitter Saturation Voltage
IC, COLLECTOR CURRENT [mA]
VBE, BASE−EMITTER VOLTAGE [V]
Figure 4. Base−Emitter On Voltage
VCB, COLLECTOR−BASE VOLTAGE [V]
Figure 5. Collector Output Capacitance
Figure 6. Current Gain Bandwidth Product
0.1
1
10
100
1000
IC, COLLECTOR CURRENT [mA]
1
10
100
1000
VCE, COLLECTOR−EMITTER VOLTAGE [V]
0.1
10
100
1000
10000
1
10
100
1000
0
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
1.2
1
1
10
1000
10
100
IC, COLLECTOR CURRENT [mA]
1
10
100
1000
10
100
400
0
0.1
0.2
0.3
0.4
0.5
I
B
= 3.0 mA
I
B
= 2.5 mA
I
B
= 2.0 mA
I
B
= 1.5 mA
I
B
= 1.0 mA
I
B
= 0.5 mA
0.4
0.8
1.2
1.6
2.0
V
CE
= 1V
I
C
= 10 I
B
V
CE
(sat)
V
BE
(sat)
V
CE
= 1V
100
f = 1 MHz
I
E = 0
V
CE
= 10V
1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com