Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1966Y Datasheet(PDF) 4 Page - Littelfuse

Part # CPC1966Y
Description  AC Power Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CPC1966Y Datasheet(HTML) 4 Page - Littelfuse

  CPC1966Y Datasheet HTML 1Page - Littelfuse CPC1966Y Datasheet HTML 2Page - Littelfuse CPC1966Y Datasheet HTML 3Page - Littelfuse CPC1966Y Datasheet HTML 4Page - Littelfuse CPC1966Y Datasheet HTML 5Page - Littelfuse CPC1966Y Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R07
CPC1966Y
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1
10
100
1000
10000
Leakage Current vs. Temperature
V
L=600V
V
L=300V
Temperature (ºC)
-40
-20
0
20
40
60
80
100
720
760
800
840
880
920
Typical Blocking Voltage
vs. Temperature
Maximum Surge Current
(Non-Repetitive)
(Values Apply to T
J=50ºC Before Surge)
Time (ms)
1
10
100
1000
0
5
10
15
20
25
30
35
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.70
0.75
0.80
0.85
0.90
0.95
1.00
Voltage Drop vs. Temperature
(I
F=5mA)
I
L=3AP
I
L=2AP
I
L=1AP
Temperature (ºC)
-40
-20
0
20
40
60
80
100
20
30
40
50
60
70
80
Holding Current vs. Temperature
(I
F=0mA)
Load Voltage (V
P)
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
-6
-4
-2
0
2
4
6
Typical Load Voltage vs. Load Current
(I
F=5mA)
PERFORMANCE DATA*
*Unless otherwise noted, data presented in these graphs is typical of device operation at 25ºC.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com