Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1981Y Datasheet(PDF) 2 Page - Littelfuse

Part # CPC1981Y
Description  Normally Open Power SIP Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CPC1981Y Datasheet(HTML) 2 Page - Littelfuse

  CPC1981Y Datasheet HTML 1Page - Littelfuse CPC1981Y Datasheet HTML 2Page - Littelfuse CPC1981Y Datasheet HTML 3Page - Littelfuse CPC1981Y Datasheet HTML 4Page - Littelfuse CPC1981Y Datasheet HTML 5Page - Littelfuse CPC1981Y Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R08
CPC1981Y
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Typical values are characteristic of the device at +25°C,
and are the result of engineering evaluations. They are
provided for information purposes only, and are not part of
the manufacturing testing requirements.
Absolute Maximum Ratings @ 25ºC
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Blocking Voltage
I
L=1AVDRM
1000
-
-
V
Operating Voltage
-
V
L
5
-
600
V
rms or VDC
Load Current
I
F=10mA, Free Air
Continuous
-
I
L
-
-
0.18
A
rms
Peak
t=10ms
I
LPK
-
-
1.1
A
rms
On-Resistance1
I
L=10mA
R
ON
-
12.3
18
Off-State Leakage Current
V
L=1000V
I
LEAK
--
1
µA
Switching Speeds
Turn-On
I
F=10mA, VL=10V
t
on
--
10
ms
Turn-Off
t
off
--
5
Output Capacitance
I
F=0mA, VL=30V, f=10MHz
C
OUT
-31
-
pF
Input Characteristics
Input Control Current to Activate
I
L=1.0A
I
F
-
-
10
mA
Input Control Current to Deactivate
-
I
F
0.6
-
-
mA
Input Voltage Drop
I
F=10mA
V
F
0.9
1.42
1.56
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Input/Output Characteristics
Capacitance, Input to Output
V
IO=0V, f=1MHz
C
IO
-2
-
pF
1
Measurement taken within 1 second of on-time.
Electrical Characteristics @ 25ºC
Parameter
Conditions
Symbol
Rating
Units
Thermal Impedance (junction to case)
-
JC
1.5
°C/W
Thermal Characteristics
Parameter
Symbol
Rating
Unit
Blocking Voltage
V
L
1000
V
P
Reverse Input Voltage
V
R
5V
Input control Current
I
F
50
mA
Peak (10ms)
1
A
Input Power Dissipation 1
P
IN
150
mW
Total Power Dissipation 2
P
T
2400
mW
Isolation Voltage, Input to Output
V
ISO
2500
V
rms
Operational Temperature, Ambient
T
A
-40 to +85
°C
Storage Temperature
T
STG
-40 to +125
°C
1 Derate linearly 1.33 mW / ºC
2 Derate output power linearly 20 mW / ºC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com