Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP70H300G4LSG Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # TP70H300G4LSG
Description  700V SuperGaN® GaN FET in PQFN 8 × 8 Performance Package (source tab)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TP70H300G4LSG Datasheet(HTML) 4 Page - Renesas Technology Corp

  TP70H300G4LSG Datasheet HTML 1Page - Renesas Technology Corp TP70H300G4LSG Datasheet HTML 2Page - Renesas Technology Corp TP70H300G4LSG Datasheet HTML 3Page - Renesas Technology Corp TP70H300G4LSG Datasheet HTML 4Page - Renesas Technology Corp TP70H300G4LSG Datasheet HTML 5Page - Renesas Technology Corp TP70H300G4LSG Datasheet HTML 6Page - Renesas Technology Corp TP70H300G4LSG Datasheet HTML 7Page - Renesas Technology Corp TP70H300G4LSG Datasheet HTML 8Page - Renesas Technology Corp TP70H300G4LSG Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TP70H300G4LSG Datasheet
R07DS1609EU0200 Rev.2.00
Nov 21, 2025
Page 4
2. Specifications
2.1
Absolute Maximum Ratings
Tc = 25°C unless otherwise stated.
Caution: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such
conditions can adversely impact product reliability and result in failures not covered by warranty.
Symbol
Parameter
Minimum
Maximum
Unit
VDSS
Drain to source voltage (TJ = -55°C to 150°C)
-
700
V
VDSS(TR) , non-repetitive
Transient drain to source voltage, non-repetitive [1]
-
800
VDSS(TR) , repetitive
Transient drain to source voltage, repetitive [2]
-
750
VGSS
Gate to source voltage
-20
+20
PD
Maximum power dissipation at TC = 25°C
-
31.2
W
ID
Continuous drain current at TC = 25°C [3]
-
8
A
Continuous drain current at TC = 100°C [3]
-
5
A
IDM
Pulsed drain current (pulse width: 10µs)
-
30
A
TJ
Junction operating temperature
-55
+150
°C
TS
Storage temperature
-55
+150
°C
TSOLD
Reflow soldering temperature [4]
-
260
°C
1.
In off-state, spike duration < 30µs, non-repetitive.
2.
Off-state, spike duration < 5µs, repetitive.
3.
Reflow MSL3.
2.2
Thermal Specifications
Symbol
Condition
Typical Value
Unit
RΘJC
Junction-to-case
4
°C/W
RΘJA
Junction-to-ambient [1]
50
1.
Device on one layer epoxy PCB for source connection (vertical and without air stream cooling, with 6cm2 copper area and 70µm thickness).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com