Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD1084V25 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LD1084V25
Description  5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1084V25 Datasheet(HTML) 2 Page - STMicroelectronics

  LD1084V25 Datasheet HTML 1Page - STMicroelectronics LD1084V25 Datasheet HTML 2Page - STMicroelectronics LD1084V25 Datasheet HTML 3Page - STMicroelectronics LD1084V25 Datasheet HTML 4Page - STMicroelectronics LD1084V25 Datasheet HTML 5Page - STMicroelectronics LD1084V25 Datasheet HTML 6Page - STMicroelectronics LD1084V25 Datasheet HTML 7Page - STMicroelectronics LD1084V25 Datasheet HTML 8Page - STMicroelectronics LD1084V25 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LD1084 SERIES
2/18
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
THERMAL DATA
APPLICATION CIRCUITS
CONNECTION DIAGRAM (top view)
Symbol
Parameter²
Value
Unit
VI
DC Input Voltage
30
V
IO
Output Current
Internally Limited
mA
PD
Power Dissipation
Internally Limited
mW
Tstg
Storage Temperature Range
-55 to +150
°C
Top
Operating Junction Temperature Range
-40 to +125
°C
Symbol
Parameter
TO-220
D2PAK
Unit
Rthj-case
Thermal Resistance Junction-case
3
3
°C/W
Rthj-amb
Thermal Resistance Junction-ambient
50
62.5
°C/W
R2
VO =VREF (1 + )
R1
TO-220
D2PAK
D2PAK/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com