Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QMB-01S/L Datasheet(PDF) 1 Page - Star Micronics Co., Ltd.

Part # QMB-01S/L
Description  Compact Size
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARMICRONICS [Star Micronics Co., Ltd.]
Direct Link  https://starmicronics.com/
Logo STARMICRONICS - Star Micronics Co., Ltd.

QMB-01S/L Datasheet(HTML) 1 Page - Star Micronics Co., Ltd.

  QMB-01S/L Datasheet HTML 1Page - Star Micronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
QMB-01 S/L
QMB-06 S/L
QMB-12 S/L
QMB-12S/V3.3
QMB-12S/V3.3 N/L
QMB-01 S/L QMB-06 S/L
QMB-12 S/L
QMB-12S/V3.3 (N/L)
SPL
Min. 80 dB
Typ. 89 dB
Min. 85 dB
Typ. 94 dB
Min. 85 dB
Typ. 97 dB
Rated Voltage
1.5 Vp-p
6 Vp-p
12 Vp-p
Rated
Frequency
2,048 Hz
Mean Current
Consumption
Max 15 mA
Max 40 mA
Operation
Temp.
-40°C to +85°C
-40°C to +100°C
External Size
16mm x 14mm
Mass
5g
7g
Specifications:
QMB Series
Compact Size
Through Hole Design
Top Sound Hole
Dip Solderable and Washable
Note: QMB-12S/V3.3 and
QMB-12S/V3.3-N/L have two
3.3mm pins


Similar Part No. - QMB-01S/L

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QMB-032-00ENN-3BA QUALTEK-QMB-032-00ENN-3BA Datasheet
382Kb / 1P
CIRCUIT BREAKER
QMB-032-11C3N-3BA QUALTEK-QMB-032-11C3N-3BA Datasheet
387Kb / 1P
CIRCUIT BREAKER
QMB-033-00ENN-3BA QUALTEK-QMB-033-00ENN-3BA Datasheet
404Kb / 1P
CIRCUIT BREAKER
QMB-033-11C3N-3BA QUALTEK-QMB-033-11C3N-3BA Datasheet
413Kb / 1P
CIRCUIT BREAKER
QMB-052-00ENN-3BA QUALTEK-QMB-052-00ENN-3BA Datasheet
382Kb / 1P
CIRCUIT BREAKER
More results

Similar Description - QMB-01S/L

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT86E_SMX ACT-ACT86E_SMX Datasheet
169Kb / 2P
Compact in size
22-02-2012
logo
XP Power Limited
ECL15US24-E XPPOWER-ECL15US24-E Datasheet
449Kb / 6P
Ultra Compact Size
logo
HuaXinAn Electronics CO...
NG8ND HUAXINAN-NG8ND Datasheet
316Kb / 1P
Compact size
logo
C&K Components
KMS221GLFS CK-COMPONENTS-KMS221GLFS Datasheet
515Kb / 2P
Compact size
logo
XP Power Limited
ECL10US05-P XPPOWER-ECL10US05-P Datasheet
449Kb / 6P
Ultra Compact Size
logo
List of Unclassifed Man...
SLB1470 ETC2-SLB1470 Datasheet
577Kb / 9P
Miniature compact size.
logo
XP Power Limited
ECM XPPOWER-ECM Datasheet
367Kb / 6P
Compact Size
logo
Surge Components
C45 SURGE-C45 Datasheet
3Mb / 9P
Compact size
C46 SURGE-C46 Datasheet
2Mb / 9P
Compact size
logo
Bel Fuse Inc.
LDC120 BEL-LDC120 Datasheet
657Kb / 4P
Extremely compact size
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com