Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN770KP-E Datasheet(PDF) 21 Page - STMicroelectronics

Part # VN770KP-E
Description  Quad smart power solid state relay for complete H-bridge configurations
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN770KP-E Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VN770KP-E Datasheet HTML 17Page - STMicroelectronics VN770KP-E Datasheet HTML 18Page - STMicroelectronics VN770KP-E Datasheet HTML 19Page - STMicroelectronics VN770KP-E Datasheet HTML 20Page - STMicroelectronics VN770KP-E Datasheet HTML 21Page - STMicroelectronics VN770KP-E Datasheet HTML 22Page - STMicroelectronics VN770KP-E Datasheet HTML 23Page - STMicroelectronics VN770KP-E Datasheet HTML 24Page - STMicroelectronics VN770KP-E Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
DocID022021 Rev 4
21/33
VN770KP-E
Electrical specifications
32
Figure 41. Turn-off drain source voltage slope
(Vin = 3.5 V)
Figure 42. Turn-off drain source voltage slope
(Vin = 5 V)
Figure 43. Current limit vs junction temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com