Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F429ZG Datasheet(PDF) 6 Page - STMicroelectronics

Part # STM32F429ZG
Description  32b Arm® Cortex®-M4 MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 com. interfaces, camera & LCD-TFT
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F429ZG Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STM32F429ZG Datasheet HTML 2Page - STMicroelectronics STM32F429ZG Datasheet HTML 3Page - STMicroelectronics STM32F429ZG Datasheet HTML 4Page - STMicroelectronics STM32F429ZG Datasheet HTML 5Page - STMicroelectronics STM32F429ZG Datasheet HTML 6Page - STMicroelectronics STM32F429ZG Datasheet HTML 7Page - STMicroelectronics STM32F429ZG Datasheet HTML 8Page - STMicroelectronics STM32F429ZG Datasheet HTML 9Page - STMicroelectronics STM32F429ZG Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 240 page
background image
Contents
STM32F427xx STM32F429xx
6/240
DS9405 Rev 12
6.3.30
RTC characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 197
7
Package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 198
7.1
Device marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 198
7.2
LQFP100 package information (1L) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 199
7.3
WLCSP143 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 202
7.3.1
Device marking for WLCSP143 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 204
7.4
LQFP144 package information (1A) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 205
7.5
LQFP176 package information (1T) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 209
7.6
LQFP208 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 213
7.7
UFBGA169 package information (A0YV) . . . . . . . . . . . . . . . . . . . . . . . . 216
7.8
UFBGA(176+25) package information (A0E7) . . . . . . . . . . . . . . . . . . . . 219
7.9
TFBGA216 package information (A0L2) . . . . . . . . . . . . . . . . . . . . . . . . 221
7.10
Thermal characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 224
8
Ordering information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 225
Appendix A Recommendations when using internal reset OFF . . . . . . . . . . . 226
A.1
Operating conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 226
Appendix B Application block diagrams . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 227
B.1
USB OTG full speed (FS) interface solutions . . . . . . . . . . . . . . . . . . . . . 227
B.2
USB OTG high speed (HS) interface solutions . . . . . . . . . . . . . . . . . . . . 229
B.3
Ethernet interface solutions. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 230
9
Important security notice . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 232
10
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 233



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com