Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZ2012E102-2R5TF Datasheet(PDF) 6 Page - Shenzhen Sunlord Electronics Co., Ltd

Part # PZ2012E102-2R5TF
Description  Multilayer Chip Ferrite Bead – PZ Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLORD [Shenzhen Sunlord Electronics Co., Ltd]
Direct Link  https://www.sunlordinc.com/
Logo SUNLORD - Shenzhen Sunlord Electronics Co., Ltd

PZ2012E102-2R5TF Datasheet(HTML) 6 Page - Shenzhen Sunlord Electronics Co., Ltd

  PZ2012E102-2R5TF Datasheet HTML 1Page - Shenzhen Sunlord Electronics Co., Ltd PZ2012E102-2R5TF Datasheet HTML 2Page - Shenzhen Sunlord Electronics Co., Ltd PZ2012E102-2R5TF Datasheet HTML 3Page - Shenzhen Sunlord Electronics Co., Ltd PZ2012E102-2R5TF Datasheet HTML 4Page - Shenzhen Sunlord Electronics Co., Ltd PZ2012E102-2R5TF Datasheet HTML 5Page - Shenzhen Sunlord Electronics Co., Ltd PZ2012E102-2R5TF Datasheet HTML 6Page - Shenzhen Sunlord Electronics Co., Ltd PZ2012E102-2R5TF Datasheet HTML 7Page - Shenzhen Sunlord Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Specifications subject to change without notice. Please check our website for latest information. Released: 2011/03/15
Sunlord
Sunlord Industrial Park, Guanguang Road, Shenzhen, China Tel: 0755-29832660 Fax: 0755-82269029 Web:http://www.sunlordinc.com E-mail: sunlord@sunlordinc.com
DETAIL ELECTRICAL CHARACTERISTICS
PZ2012 TYPE
1
10
100
1000
Frequency(MHz)
0
20
40
60
80
100
PZ2012D390-4R0TF
R
X
Z
1
10
100
1000
Frequency(MHz)
0
30
60
90
120
150
PZ2012D800-3R0TF
R
X
Z
1
10
100
1000
Frequency(MHz)
0
50
100
150
200
250
PZ2012D121-2R5TF
R
X
Z
1
10
100
1000
Frequency(MHz)
0
100
200
300
400
PZ2012D221-1R5TF
R
X
Z
1
10
100
1000
Frequency(MHz)
0
100
200
300
400
500
PZ2012D301-1R5TF
R
X
Z
1
10
100
1000
Frequency(MHz)
0
150
300
450
600
PZ2012D471-R80TF
R
X
Z
1
10
100
1000
Frequency(MHz)
0
200
400
600
800
1000
PZ2012D601-R80TF
R
X
Z
1
10
100
1000
Frequency(MHz)
0
10
20
30
40
50
PZ2012U300-3R0TF
X
Z
R
1
10
100
1000
Frequency(MHz)
0
10
20
30
40
50
PZ2012U300-4R0TF
X
Z
R
1
10
100
1000
Frequency(MHz)
0
20
40
60
80
100
120
PZ2012U600-3R0TF
X
Z
R
1
10
100
1000
Frequency(MHz)
0
50
100
150
200
PZ2012U121-2R5TF
X
Z
R
1
10
100
1000
Frequency(MHz)
0
50
100
150
200
250
300
PZ2012U221-2R0TF
X
Z
R
1
10
100
1000
Frequency(MHz)
0
100
200
300
400
PZ2012U301-1R5TF
X
Z
R
1
10
100
1000
Frequency(MHz)
0
100
200
300
400
500
600
PZ2012U421-1R0TF
X
Z
R
1
10
100
1000
Frequency(MHz)
0
200
400
600
800
PZ2012U601-R80TF
X
Z
R
PZ3216 TYPE
1
10
100
1000
Frequency(MHz)
0
10
20
30
40
PZ3216D190-6R0TF
X
Z
R
1
10
100
1000
Frequency(MHz)
0
20
40
60
80
100
PZ3216D380-5R0TF
X
Z
R
1
10
100
1000
Frequency(MHz)
0
40
80
120
160
PZ3216D600-4R0TF
X
Z
R



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com