Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDC2305Z Datasheet(PDF) 2 Page - Potens Semiconductor Corp.

Part # PDC2305Z
Description  20V P-Channel MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PDC2305Z Datasheet(HTML) 2 Page - Potens Semiconductor Corp.

  PDC2305Z Datasheet HTML 1Page - Potens Semiconductor Corp. PDC2305Z Datasheet HTML 2Page - Potens Semiconductor Corp. PDC2305Z Datasheet HTML 3Page - Potens Semiconductor Corp. PDC2305Z Datasheet HTML 4Page - Potens Semiconductor Corp. PDC2305Z Datasheet HTML 5Page - Potens Semiconductor Corp. PDC2305Z Datasheet HTML 6Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Potens semiconductor corp.
Ver.1.01
2
PDC2305Z
20V P-Channel MOSFETs
Off Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=
-250uA
-20
---
---
V
△BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25℃ , ID=
-1mA
---
-0.01
---
V/℃
IDSS
Drain-Source Leakage Current
VDS=
-20V , VGS=0V , TJ=25℃
---
---
-1
uA
VDS=
-16V , VGS=0V , TJ=125℃
---
---
-10
uA
IGSS
Gate-Source Leakage Current
VGS=±10V , VDS=0V
---
---
±100
nA
On Characteristics
RDS(ON)
Static Drain-Source On-Resistance
VGS=
-4.5V , ID=-6A
---
12
15
m
VGS=
-2.5V , ID=-4A
---
15
20
VGS=
-1.8V , ID=-3A
---
20
26
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =
-250uA
-0.3
-0.6
-1.0
V
△VGS(th)
VGS(th) Temperature Coefficient
---
3
---
mV/℃
gfs
Forward Transconductance
VDS=
-10V , IS=-6A
---
20
---
S
Dynamic and switching Characteristics
Qg
Total Gate Charge2 , 3
VDS=
-10V , VGS=-4.5V , ID=-6A
---
27
40
nC
Qgs
Gate-Source Charge2 , 3
---
2.4
4.8
Qgd
Gate-Drain Charge2 , 3
---
5.3
8
Td(on)
Turn-On Delay Time2 , 3
VDD=
-10V , VGS=-4.5V , RG=25
ID=
-1A
---
16.2
31
nS
Tr
Rise Time2 , 3
---
43.5
83
Td(off)
Turn-Off Delay Time2 , 3
---
114
217
Tf
Fall Time2 , 3
---
28.8
55
Ciss
Input Capacitance
VDS=
-15V , VGS=0V , F=1MHz
---
2320
3370
pF
Coss
Output Capacitance
---
280
410
Crss
Reverse Transfer Capacitance
---
175
260
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
VG=VD=0V , Force Current
---
---
-11
A
ISM
Pulsed Source Current
---
---
-44
A
VSD
Diode Forward Voltage
VGS=0V , IS=
-1A , TJ=25℃
---
---
-1
V
Note :
1.
Repetitive Rating : Pulsed width limited by maximum junction temperature.
2.
The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%.
3.
Essentially independent of operating temperature.
Electrical Characteristics (T
J=25 ℃, unless otherwise noted)
Drain-Source Diode Characteristics and Maximum Ratings



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com