Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC4515ENE4 Datasheet(PDF) 13 Page - Texas Instruments

Part # CD74HC4515ENE4
Description  High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer with Input Latches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4515ENE4 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CD74HC4515ENE4 Datasheet HTML 8Page - Texas Instruments CD74HC4515ENE4 Datasheet HTML 9Page - Texas Instruments CD74HC4515ENE4 Datasheet HTML 10Page - Texas Instruments CD74HC4515ENE4 Datasheet HTML 11Page - Texas Instruments CD74HC4515ENE4 Datasheet HTML 12Page - Texas Instruments CD74HC4515ENE4 Datasheet HTML 13Page - Texas Instruments CD74HC4515ENE4 Datasheet HTML 14Page - Texas Instruments CD74HC4515ENE4 Datasheet HTML 15Page - Texas Instruments CD74HC4515ENE4 Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MECHANICAL DATA
MPDI004 – OCTOBER 1994
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
NT (R-PDIP-T**)
PLASTIC DUAL-IN-LINE PACKAGE
4040050 / B 04/95
24 PINS SHOWN
1.425
(36,20)
1.385
0.295
(7,49)
(8,00)
0.315
(35,18)
28
PINS **
A MIN
A MAX
B MAX
B MIN
13
0.250 (6,35)
0.280 (7,11)
12
0.200 (5,08) MAX
DIM
24
1.230
(31,24)
(32,04)
1.260
0.310
(7,87)
(7,37)
0.290
B
0.125 (3,18) MIN
Seating Plane
0.010 (0,25) NOM
A
0.070 (1,78) MAX
24
1
0.015 (0,38)
0.021 (0,53)
0.020 (0,51) MIN
0.100 (2,54)
M
0.010 (0,25)
0
°–15°
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com