Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY23FS04ZXIT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY23FS04ZXIT
Description  Failsafe??2.5V/ 3.3V Zero Delay Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23FS04ZXIT Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY23FS04ZXIT Datasheet HTML 1Page - Cypress Semiconductor CY23FS04ZXIT Datasheet HTML 2Page - Cypress Semiconductor CY23FS04ZXIT Datasheet HTML 3Page - Cypress Semiconductor CY23FS04ZXIT Datasheet HTML 4Page - Cypress Semiconductor CY23FS04ZXIT Datasheet HTML 5Page - Cypress Semiconductor CY23FS04ZXIT Datasheet HTML 6Page - Cypress Semiconductor CY23FS04ZXIT Datasheet HTML 7Page - Cypress Semiconductor CY23FS04ZXIT Datasheet HTML 8Page - Cypress Semiconductor CY23FS04ZXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CY23FS04
Document #: 38-07304 Rev. *C
Page 3 of 12
In this mode, should the reference frequency fail (i.e. stop or
disappear), the DCXO maintains its last setting and a flag
signal (FAIL#/SAFE) is set to indicate failure of the reference
clock.
The CY23FS04 provides 2 select bits, S1 through S2 to control
the reference to crystal frequency ratio. The DCXO is internally
tuned to the phase and frequency of the external reference
only when the reference frequency divided by this ratio is
within the DCXO capture range. If the frequency is out of
range, a flag will be set on the FAIL#/SAFE pin notifying the
system that the selected reference is not valid. If the reference
moves in range, then the flag will be cleared, indicating to the
system that the selected reference is valid.
Table 2. FailSafe Timing Table
Parameter
Description
Conditions
Min.
Max.
Unit
tFSL
Fail#/Safe Assert Delay
Measured at 80% to 20%, Load = 15 pF
See Figure 2
ns
tFSH
Fail#/Safe De-assert Delay
Measured at 80% to 20%, Load = 15 pF
See Figure 2
ns
n = F RE F
F
XT A L
=4 ( in abo v e ex am ple )
t
FS L ( m a x ) = 2
t
RE F x n
(
)
+
25ns
t
FS H ( m in ) = 1 2
t
RE F x n
(
)
+
25 ns
Figure 2. Fail#/Safe Timing Formula
Reference + 300 ppm
Reference - 300 ppm
Reference
Output + 300 ppm
Output - 300 ppm
Output
Fail#/Safe
t
FSH
Reference Off
t
FSL
Time
Figure 3. FailSafe Timing Diagram: Input Reference Slowly Drifting Out of FailSafe Capture Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com