Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

680-21 Datasheet(PDF) 2 Page - 3M Electronics

Part # 680-21
Description  Post-it® Standard Flags - 1-inch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

680-21 Datasheet(HTML) 2 Page - 3M Electronics

  680-21 Datasheet HTML 1Page - 3M Electronics 680-21 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Select a Location
3M Worldwide : United States : Home & Leisure
Product Catalog for Home & Leisure
Home Office and School Supply Products
Post-it® Notes and
Flags
Post-it® Flags and Dispensers
Post-it® Standard Flags - 1-inch
Post-it® Standard Flags - 1-inch
Additional Information
Easy dispensing - easy to take along anywhere. Vibrant colors demand attention.
Transparent to let copy show through. Flags available in 680-1 red, 680-2 blue, 680-
3 green, 680-4 orange, 680-5 yellow, 680-6 white, 680-8 purple, 680-21 bright pink,
680-22 bright green and 680-23 bright blue. Related Products: Post-it® Designer
Tape Flag Dispenser C-4211. Holds two of your favorite colors of tape flags. Tape
flags pop up one at a time - down to the very last flag. 1 inch x 1.7 inch, 50 flags per
dispenser.
©3M 1995-2005
Legal Information
Privacy Policy
Page 1 of 1
3M Home and Leisure : Post-it® Standard Flags - 1-inch
08/11/2005
http://products3.3m.com/catalog/us/en001/home_leisure/-/node_GSJV97XHPHbe/root_G...



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com