Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDC3906Z Datasheet(PDF) 3 Page - Potens Semiconductor Corp.

Part # PDC3906Z
Description  30V N-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PDC3906Z Datasheet(HTML) 3 Page - Potens Semiconductor Corp.

  PDC3906Z Datasheet HTML 1Page - Potens Semiconductor Corp. PDC3906Z Datasheet HTML 2Page - Potens Semiconductor Corp. PDC3906Z Datasheet HTML 3Page - Potens Semiconductor Corp. PDC3906Z Datasheet HTML 4Page - Potens Semiconductor Corp. PDC3906Z Datasheet HTML 5Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Potens semiconductor corp.
Ver.1.05
3
PDC3906Z
30V N-Channel MOSFETs
4
6
8
10
12
0
2
4
6
8
10
Tc=25℃
ID=10A
ID=20A
4
5
6
7
8
5
15
25
35
45
55
Tc=25℃
VGS=4.5V
VGS=6V
VGS=10V
0
12
24
36
48
60
0
2
4
6
8
10
VGS=2.7V
VGS=3V
VGS=3.5V
VGS=4V
Fig.1 Typical Output Characteristics
TC , Case Temperature (℃)
Fig.2 Continuous Drain Current vs. TC
TJ , Junction Temperature (℃)
Fig.3 Normalized RDSON vs. TJ
TJ , Junction Temperature (℃)
Fig.4 Normalized Vth vs. TJ
Fig.5 Turn-On Resistance vs. VGS
Fig.6 Turn-On Resistance vs. ID
VDS ,Drain to Source Voltage (V)
VGS , Gate to Source Voltage (V)
ID , Drain Current (A)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com